Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83255AVF Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83255AVF
Description  PLAYER Device (FDDI Physical Layer Controller)
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83255AVF Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83255AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 56Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 57Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 58Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 59Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 60Page - National Semiconductor (TI) DP83255AVF Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
60 Pin Descriptions (Continued)
TABLE 6-1 DP83251 Pinout Summary
(Continued)
Pin No
Signal Name
Symbol
IO
ECLTTLOpen
DrainPower
36
Receive Bit Clock a
RXCa
I
ECL
37
Receive Bit Clock b
RXCb
I
ECL
38
ECL Logic Power
VCC
a
5V
39
Receive Data a
RXDa
I
ECL
40
Receive Data b
RXDb
I
ECL
41
ECL Logic Ground
GND
a
0V
42
External Loopback Data a
LBDa
O
ECL
43
External Loopback Data b
LBDb
O
ECL
44
ECL IO Power
VCC
a
5V
45
Transmit Dataa
TXDa
O
ECL
46
Transmit Dataa
TXDb
O
ECL
47
ECL Logic Ground
GND
a
0V
48
Transmit Bit Clock a
TXCa
I
ECL
49
Transmit Bit Clock b
TXCb
I
ECL
50
ECL Logic Power
VCC
a
5V
51
Transmit Byte Clock a
TBCa
I
ECL
52
Transmit Byte Clock b
TBCb
I
ECL
53
FOTX Enable Level
TEL
I
TTL
54
No Connect
NC
55
No Connect
NC
56
FOTX Enable
TXE
O
TTL
57
Local Byte Clock
LBC
I
TTL
58
PHY Port B Request Datak0l
BRD0
I
TTL
59
PHY Port B Request Datak1l
BRD1
I
TTL
60
PHY Port B Request Datak2l
BRD2
I
TTL
61
PHY Port B Request Datak3l
BRD3
I
TTL
62
CMOS Logic Ground
GND
a
0V
63
PHY Port B Request Datak4l
BRD4
I
TTL
64
CMOS IO Power
VCC
a
5V
65
PHY Port B Request Datak5l
BRD5
I
TTL
66
CMOS IO Ground
GND
a
0V
67
PHY Port B Request Datak6l
BRD6
I
TTL
68
PHY Port B Request Datak7l
BRD7
I
TTL
69
PHY Port B Request Control
BRC
I
TTL
70
PHY Port B Request Parity
BRP
O
TTL
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com