Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5271CVM100 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 21Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 22Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 23Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 24Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 25Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 26Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 27Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 28Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Design Recommendations
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
25
6.7.1.3
SDRAM Interfacing Example
The tables in the previous section can be used to configure the interface in the following example. To
interface one 2M 32-bit 4 bank SDRAM component (8 columns) to the MCF5271, the connections would
be as shown in Table 22.
6.7.2
Ethernet PHY Transceiver Connection
The FEC supports both an MII interface for 10/100 Mbps Ethernet and a seven-wire serial interface for 10
Mbps Ethernet. The interface mode is selected by R_CNTRL[MII_MODE]. In MII mode, the 802.3
standard defines and the FEC module supports 18 signals. These are shown in Table 23.
Table 19. MCF5271MCF5271 to SDRAM Interface (32-Bit Port, 10-Column Address Lines)
MCF5271
Pins
A15 A14 A13 A12 A11 A10 A9 A17 A19 A21 A22 A23 A24 A25 A26 A27 A28 A29 A30 A31
Row
15
14
13121110
9
17192122
23
24
25262728
29
3031
Column
2345
678
16
18
20
SDRAM
Pins
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19
Table 20. MCF5271MCF5271 to SDRAM Interface (32-Bit Port, 11-Column Address Lines)
MCF5271
Pins
A15 A14 A13 A12 A11 A10
A9
A17 A19 A21 A23 A24 A25 A26 A27 A28 A29 A30 A31
Row
15
14
13
12
11
10
9
17
19
21
23
24
25
26
27
28
29
30
31
Column
2
345
678
16
18
20
22
SDRAM
Pins
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18
Table 21. MCF5271MCF5271 to SDRAM Interface (32-Bit Port, 12-Column Address Lines)
MCF5271
Pins
A15 A14 A13 A12 A11 A10
A9
A17 A19 A21 A23 A25 A26 A27 A28 A29 A30 A31
Row
15
1413
12
11
10
9
1719
212325
262728
293031
Column
2
3
4
5
6
7
8
1618
202224
SDRAM
Pins
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17
Table 22. SDRAM Hardware Connections
SDRAM
Pins
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10 = CMD
BA0
BA1
MCF5271
Pins
A15
A14
A13
A12
A11
A10
A9
A17
A18
A19
A20
A21
A22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com