Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5271CVM100 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 47Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 48Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 49Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 50Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 51Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 52Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 53Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 54Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Preliminary Electrical Characteristics
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
51
The values in Table 42 correspond to Figure 19.
Figure 19. QSPI Timing
8.13 JTAG and Boundary Scan Timing
Table 43. JTAG and Boundary Scan Timing
Num
Characteristics1
NOTES:
1
JTAG_EN is expected to be a static signal. Hence, specific timing is not associated with it.
Symbol
Min
Max
Unit
J1
TCLK Frequency of Operation
fJCYC
DC
1/4
fsys/2
J2
TCLK Cycle Period
tJCYC
4-
tCYC
J3
TCLK Clock Pulse Width
tJCW
26
-
ns
J4
TCLK Rise and Fall Times
tJCRF
03
ns
J5
Boundary Scan Input Data Setup Time to TCLK Rise
tBSDST
4-
ns
J6
Boundary Scan Input Data Hold Time after TCLK Rise
tBSDHT
26
-
ns
J7
TCLK Low to Boundary Scan Output Data Valid
tBSDV
033
ns
J8
TCLK Low to Boundary Scan Output High Z
tBSDZ
033
ns
J9
TMS, TDI Input Data Setup Time to TCLK Rise
tTAPBST
4-
ns
J10
TMS, TDI Input Data Hold Time after TCLK Rise
tTAPBHT
10
-
ns
J11
TCLK Low to TDO Data Valid
tTDODV
026
ns
J12
TCLK Low to TDO High Z
tTDODZ
08
ns
J13
TRST Assert Time
tTRSTAT
100
-
ns
J14
TRST Setup Time (Negation) to TCLK High
tTRSTST
10
-
ns
QSPI_CS[1:0]
QSPI_CLK
QSPI_DOUT
QS5
QS1
QSPI_DIN
QS3
QS4
QS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com