Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5271CVM100 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 7Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 10Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 11Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 12Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 13Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 14Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Features
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
11
and UARTs. The DMA controller supports single or dual address to off-chip devices or dual address to
on-chip devices.
3.17 External Interface Module (EIM)
The external bus interface handles the transfer of information between the core and memory, peripherals,
or other processing elements in the external address space. Features have been added to support external
Flash modules, for secondary wait states on reads and writes, and a signal to support Active-Low Address
Valid (a signal on most Flash memories).
Programmable chip-select outputs provide signals to enable external memory and peripheral circuits,
providing all handshaking and timing signals for automatic wait-state insertion and data bus sizing.
Base memory address and block size are programmable, with some restrictions. For example, the starting
address must be on a boundary that is a multiple of the block size. Each chip select can be configured to
provide read and write enable signals suitable for use with most popular static RAMs and peripherals. Data
bus width (8-bit, 16-bit, or 32-bit) is programmable on all chip selects, and further decoding is available
for protection from user mode access or read-only access.
3.18 SDRAM Controller
The SDRAM controller provides all required signals for glueless interfacing to a variety of
JEDEC-compliant SDRAM devices. SD_SRAS/SD_SCAS address multiplexing is software configurable
for different page sizes. To maintain refresh capability without conflicting with concurrent accesses on the
address and data buses, SD_RAS, SD_SCAS, SD_WE, SD_CS[1:0] and SD_CKE are dedicated SDRAM
signals.
3.19 Reset
The reset controller is provided to determine the cause of reset, assert the appropriate reset signals to the
system, and keep track of what caused the last reset. The power management registers for the internal
low-voltage detect (LVD) circuit are implemented in the reset module. There are six sources of reset:
•
External
•
Power-on reset (POR)
•
Watchdog timer
•
Phase locked-loop (PLL) loss of lock
•
PLL loss of clock
•
Software
External reset on the RSTOUT pin is software-assertable independent of chip reset state. There are also
software-readable status flags indicating the cause of the last reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com