Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5271CVM100 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 8Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 9Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 10Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 11Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 12Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 13Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 14Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 15Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Signal Descriptions
Freescale Semiconductor
12
3.20 GPIO
Unused bus interface and peripheral pins on the MCF5271 can be used as discrete general-purpose inputs
and outputs. These are managed by a dedicated GPIO module that logically groups all pins into ports
located within a contiguous block of memory-mapped control registers.
All of the pins associated with the external bus interface may be used for several different functions. Their
primary function is to provide an external memory interface to access off-chip resources. When not used
for this, all of the pins may be used as general-purpose digital I/O pins. In some cases, the pin function is
set by the operating mode, and the alternate pin functions are not supported.
The digital I/O pins on the MCF5271 are grouped into 8-bit ports. Some ports do not use all eight bits.
Each port has registers that configure, monitor, and control the port pins.
4
Signal Descriptions
This section describes signals that connect off chip, including a table of signal properties. For a more
detailed discussion of the MCF5271 signals, consult the MCF5235 Reference Manual (MCF5235RM).
4.1
Signal Properties
Table 2 lists all of the signals grouped by function. The “Dir” column is the direction for the primary
function of the pin. Refer to Section 7, “Mechanicals/Pinouts and Part Numbers,” for package diagrams.
NOTE
In this table and throughout this document a single signal within a group is
designated without square brackets (i.e., A24), while designations for
multiple signals within a group use brackets (i.e., A[23:21]) and is meant to
include all signals within the two bracketed numbers when these numbers
are separated by a colon.
NOTE
The primary functionality of a pin is not necessarily its default functionality.
Pins that are muxed with GPIO will default to their GPIO functionality.
Table 2. MCF5270 and MCF5271 Signal Information and Muxing
Signal Name
GPIO
Alternate 1 Alternate 2 Dir.1
MCF5270
MCF5271
160 QFP
MCF5270
MCF5271
196 MAPBGA
Reset
RESET
—
—
—
I
83
N13
RSTOUT
—
—
—
O
82
P13
Clock
EXTAL
—
—
—
I
86
M14
XTAL
—
—
—
O
85
N14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com