Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5271CVM100 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 32Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 33Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 34Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 35Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 36Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 37Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 38Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 39Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Preliminary Electrical Characteristics
Freescale Semiconductor
36
8.4
Oscillator and PLLMRFM Electrical Characteristics
Table 29. HiP7 PLLMRFM Electrical Specifications1
NOTES:
1
All values given are initial design targets and subject to change.
Num
Characteristic
Symbol
Min.
Value
Max.
Value
Unit
1
PLL Reference Frequency Range
Crystal reference
External reference
1:1 mode (NOTE: fsys/2 = 2 × fref_1:1)
fref_crystal
fref_ext
fref_1:1
8
8
24
25
25
50
MHz
2
Core frequency
CLKOUT Frequency 2
External reference
On-Chip PLL Frequency
2
All internal registers retain data at 0 Hz.
fsys
fsys/2
0
fref / 32
100
50
50
MHz
MHZ
MHz
3
Loss of Reference Frequency 3, 5
3
“Loss of Reference Frequency” is the reference frequency detected internally, which transitions the PLL
into self clocked mode.
fLOR
100
1000
kHz
4
Self Clocked Mode Frequency 4, 5
4
Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls
below fLOR with default MFD/RFD settings.
fSCM
10.25
15.25
MHz
5
Crystal Start-up Time 5, 6
5
This parameter is guaranteed by characterization before qualification rather than 100% tested.
6
Proper PC board layout procedures must be followed to achieve specifications.
tcst
—10
ms
6
XTAL Load Capacitance5
530
pF
7
PLL Lock Time 5, 7,13
tlpll
—750
µs
8
Power-up To Lock Time 5, 6,8
With Crystal Reference (includes 5 time)
Without Crystal Reference9
tlplk
—
—
11
750
ms
µs
9
1:1 Mode Clock Skew (between CLKOUT
and EXTAL) 10
tskew
–1
1
ns
10
Duty Cycle of reference 5
tdc
40
60
%
11
Frequency un-LOCK Range
fUL
–3.8
4.1
% fsys/2
12
Frequency LOCK Range
fLCK
–1.7
2.0
% fsys/2
13
CLKOUT Period Jitter, 5, 6, 8,11, 12
Measured at fsys/2 Max
Peak-to-peak Jitter (Clock edge to clock
edge)
Long Term Jitter (Averaged over 2 ms
interval)
Cjitter
—
—
5.0
.01
% fsys/2
14
Frequency Modulation Range Limit13,14
(fsys/2 Max must not be exceeded)
Cmod
0.8
2.2
%fsys/2
15
ICO Frequency. fico = fref * 2 * (MFD+2)
15
fico
48
75
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com