Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5271CVM100 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PCF5271CVM100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CVM100 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PCF5271CVM100 Datasheet HTML 15Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 16Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 17Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 18Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 19Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 20Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 21Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 22Page - Freescale Semiconductor, Inc PCF5271CVM100 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Design Recommendations
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
19
5.2.2
WAIT Mode
WAIT mode is intended to be used to stop only the CPU core and memory clocks until a wakeup event is
detected. In this mode, peripherals may be programmed to continue operating and can generate interrupts,
which cause the CPU core to exit from WAIT mode.
5.2.3
DOZE Mode
DOZE mode affects the CPU core in the same manner as WAIT mode, but with a different code on the
CIM LPMD bits, which are monitored by the peripherals. Each peripheral defines individual operational
characteristics in DOZE mode. Peripherals which continue to run and have the capability of producing
interrupts may cause the CPU to exit the DOZE mode and return to the RUN mode. Peripherals which are
stopped will restart operation on exit from DOZE mode as defined for each peripheral.
5.2.4
STOP Mode
STOP mode affects the CPU core in the same manner as the WAIT and DOZE modes, but with a different
code on the CCM LPMD bits. In this mode, all clocks to the system are stopped and the peripherals cease
operation.
STOP mode must be entered in a controlled manner to ensure that any current operation is properly
terminated. When exiting STOP mode, most peripherals retain their pre-stop status and resume operation.
5.2.5
Peripheral Shut Down
Most peripherals may be disabled by software in order to cease internal clock generation and remain in a
static state. Each peripheral has its own specific disabling sequence (refer to each peripheral description
for further details). A peripheral may be disabled at anytime and will remain disabled during any low
power mode of operation.
6
Design Recommendations
6.1
Layout
•
Use a 4-layer printed circuit board with the VDD and GND pins connected directly to the power
and ground planes for the MCF5271.
•
See application note AN1259 System Design and Layout Techniques for Noise Reduction in
processor-Based Systems.
•
Match the PC layout trace width and routing to match trace length to operating frequency and
board impedance. Add termination (series or therein) to the traces to dampen reflections.
Increase the PCB impedance (if possible) keeping the trace lengths balanced and short. Then do
cross-talk analysis to separate traces with significant parallelism or are otherwise "noisy". Use 6
mils trace and separation. Clocks get extra separation and more precise balancing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com