| Electronic Components Datasheet Search |
|
TMPR4955F Datasheet(PDF) 110 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955F Datasheet(HTML) 110 Page - Toshiba Semiconductor |
|
110 / 168 page ![]() Chapter 6 TX4955A System Interface 6-38 6.3.4 System Interface Protocols Figure 6.3.2 shows the register-to-register operation of the System interface. That is, processor outputs come directly from output registers and begin to change with the rising edge of SClock SClock SClock SClock.† Processor inputs are fed directly to input registers that latch these input signals with the rising edge of SClock SClock SClock SClock. This allows the System interface to run at the highest possible clock frequency. TX4955A SClock Input data Output data Figure 6.3.2 System Interface Register-to-Register Operation 6.3.4.1 Master and Slave States When the TX4955A processor is driving the SysAD SysAD SysAD SysAD and SysCmd SysCmd SysCmd SysCmd buses, the System interface is in master state. When the external agent is driving the SysAD SysAD SysAD SysAD and SysCmd SysCmd SysCmd SysCmd buses, the System interface is in slave state. In master state, the processor asserts the signal PValid PValid PValid PValid* whenever the SysAD SysAD SysAD SysAD and SysCmd SysCmd SysCmd SysCmd buses are valid. In slave state, the external agent asserts the signal EValid EValid EValid EValid* whenever the SysAD SysAD SysAD SysAD and SysCmd SysCmd SysCmd SysCmd buses are valid. 6.3.4.2 Moving from Master to Slave State The processor is the default master of the system interface. An external agent becomes master of the system interface through arbitration, or by default after a processor read request. The external agent returns mastership to the processor after an external request completes. The System interface remains in master state unless one of the following occurs: • The external agent requests and is granted the System interface (external arbitration). • The processor issues a read request (uncompelled change to slave state). The following sections describe these two actions. † SClock SClock SClock SClock is an internal clock used by the processor to sample data at the System interface and to clock data into the processor System interface output registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |