| Electronic Components Datasheet Search |
|
TMPR4955F Datasheet(PDF) 111 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4955F Datasheet(HTML) 111 Page - Toshiba Semiconductor |
|
111 / 168 page ![]() Chapter 6 TX4955A System Interface 6-39 6.3.4.3 External Arbitration The System interface must be in slave state for the external agent to issue an external request through the System interface. The transition from master state to slave state is arbitrated by the processor using the System interface handshake signals EReq EReq EReq EReq* and PMaster PMaster PMaster PMaster*. This transition is described by the following procedure: 1. An external agent signals that it wishes to issue an external request by asserting EReq EReq EReq EReq*. 2. When the processor is ready to accept an external request, it releases the System interface from master to slave state by negating PMaster PMaster PMaster PMaster*. 3. The System interface returns to master state as soon as the issue of the external request is complete. 6.3.4.4 Uncompelled Change to Slave State An uncompelled change to slave state is the transition of the System interface from master state to slave state, initiated by the processor itself when a processor read request is pending. PMaster PMaster PMaster PMaster* is negated automatically after a read request. An uncompelled change to slave state occurs either during or some number of cycles after the issue cycle of a read request. The uncompelled release latency depends on the state of the cache. After an uncompelled change to slave state, the processor returns to master state at the end of the next external request. This can be a read response, or some other type of external request. An external agent must note that the processor has performed an uncompelled change to slave state and begin driving the SysAD SysAD SysAD SysAD bus along with the SysCmd SysCmd SysCmd SysCmd bus. As long as the System interface is in slave state, the external agent can begin an external request without arbitrating for the System interface; that is, without asserting EReq EReq EReq EReq*. After the external request, the System interface returns to master state. 6.3.4.5 Signal Timing The System interface protocol describes the cycle-by-cycle signal transitions that occur on the pins of the system interface to realize requests between the processor and an external agent. Figure 6.3.3 shows the timing relationships between System interface signal edges. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |