Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 151 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 151 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 147Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 148Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 149Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 150Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 151Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 152Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 153Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 154Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 155Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 168 page
background image
Chapter 8 TX4955A Processor Interrupts
8-3
8.5
Asserting Interrupts
External writes to the CPU are directed to various internal resources, based on an internal
address map of the processor. An external write to any address writes to an architecturally
transparent register called the
Interrupt register; this register is available for external write
cycles, but not for external reads.
During a data cycle, SysAD (2
SysAD (2
SysAD (2
SysAD (22222:16)
:16)
:16)
:16) are the write enables for the seven individual
Interrupt
register bits and SysAD (
SysAD (
SysAD (
SysAD (5555:0)
:0)
:0)
:0) are the values to be written into these bits. This allows any subset
of the
Interrupt register to be set or cleared with a single write request. Figure 8.4.1 shows the
mechanics of an external write to the
Interrupt register, along with the nonmaskable interrupt
described earlier.
Figure shows how the TX4955A hardware interrupts are readable through the
Cause
register.
• Bits 4:0 of the Interrupt register are bit-wise ORed with the current value of the
interrupt pins Int
Int
Int
Int*[4:0]
[4:0]
[4:0]
[4:0] and the result is directly readable as bits 14:10 of the
Cause
register.
• Bit5 of the Interrupt register is ORed with the current value of the interrupt pin Int5*.
Bit15 of Cause register is selected this ORed signal or Timer Interrupt by TintDis.
IP (1:0) of the Cause register, which are described in Chapter 8 8.3, are software interrupts.
There is no hardware mechanism for setting or clearing the software interrupts.
Figure 8.5.1 shows the masking of the TX4955A interrupt signals.
• Cause register bits 15:8 (IP7-IP0) are AND-ORed with Status register interrupt mask
bits 15:8 (IM7-IM0) to mask individual interrupts.
• Status register bit 0 is a global Interrupt Enable (IE). It is ANDed with the output of the
AND-OR logic to produce the TX4955A interrupt signal. The
EXL bit in the Status
register also enables these interrupts.
Figure 8.5.1 Masking of the TX4955A Interrupts
Status register
SR (0)
Status register
SR (15:8)
TX4955A Interrupt
Cause register
(15:8)
AND
function
AND-OR
function
IE
1
1
8
8
IP7
IP6
IP5
IP4
IP3
IP2
IP1
IP0
IM4
IM3
IM2
IM1
IM0
IM5
IM6
IM7
External
interrupts
Software
interrupts
Timer interrupts
or Int5*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com