Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 154 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 154 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 150Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 151Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 152Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 153Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 154Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 155Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 156Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 157Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 158Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 168 page
background image
Chapter 9 Debug Support Unit
9-2
9.3
JTAG Interface
Standard JTAG interface is used for on chip debugging during Run Time mode. The TX49
Debug Support Unit has following registers.
• Instruction Register
• Bypass Register
• Boundary-Scan Register
• Device Identification Register
• Implementation Register
• JTAG_Data_Register
• JTAG_Address_Register
• JTAG_Control_Register
9.4
Processor Access Overview
The core processor can access external processor probe for reading and writing to external
monitor memory, registers and other external resources.
In addition the processor can execute from the external monitor memory located from
0xf_ff20 0000 to 0xf_ff2f ffff when the ProbEnb bit is set and the processor probe is turned ON.
Any access to the monitor location from 0xf_ff20 0000 to 0xf_ff3f ffff are only allowed when the
processor is in the debug mode (DM = 1).
9.5
Instruction
The instruction is a 8 bit field. Instructions for the TX49 Debug Support Unit are encoded
between 0x80 and 0x9f and other codes are reserved for Toshiba Standard JTAG instructions
(Includes EXTEST, SAMPLE/PRELOAD and IDCODE) and so on. Instructions are decoded as
follows.
Figure 9.5.1 Instruction
Hex Value
Instruction
Description
0x00
EXTEST
Boundary Scan Register
0x01
SAMPLE/PRELOAD
Boundary Scan Register
0x02
Reserve
Reserve
0x03
IDCODE
Device Identification Register
0x83
EJTAG_ImpCode
Select Implementation Register
0x88
JTAG_ADDRESS_IR
Select JTAG_Address Register
0x89
JTAG_DATA_IR
Select JTAG_Data Register
0x8A
JTAG_CONTROL_IR
Select JTAG_Control Register
0x8B
JTAG_ALL_IR
Select JTAG_All Register
0x90
PCTRACE
PCIRACE Instruction
0xFF
BYPASS
Select BYPASS Register
Note: 0x80
∼ 0x9F the other code. Please does not used.
Any unused instruction between 0x80 and 0x9f defaulted to BYPASS instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com