Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 157 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 157 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 153Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 154Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 155Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 156Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 157Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 158Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 159Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 160Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 161Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 168 page
background image
Chapter 10 Electrical Characteristics
10-1
Chapter 10. Electrical Characteristics
ESD Precautions: For handling precautions, see Section 1.1, Electrostatic Discharge (ESD), in
the chapter on General Safety Precautions and Usage Considerations.
10.1 Electrical Characteristics of TMPR4955AF
10.1.1
Absolute Maximum Ratings
VSS = 0 V (GND)
Parameter
Symbol
Ratings
Unit
Supply voltage (for I/O)
VccIOMax
−0.5 ∼ 3.9
V
Supply voltage (for internal)
VccIntMax
−0.5 ∼ 3.0
V
Input voltage (*1)
VIN
−0.5 ∼ V
CC IO + 0.3
V
Storage Temperature
TSTG
−65 ∼ + 150
°C
Note: The absolute maximum ratings are rated values which must not be exceeded during
operation, even for an instant. Any one of the ratings must not be exceeded. If any absolute
maximum rating is exceeded, a device may break down or its performance may be
degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products which include this device, ensure that no absolute maximum rating
value will ever be exceeded.
(*1) VIN Min =
−1.5 V for pulse width less than 10 ns.
10.1.2
Recommended Operating Conditions
VSS = 0 V (GND)
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage (for I/O)
VccIO
3.1
3.5
V
Supply Voltage (for internal)
VccInt
1.4
1.6
V
Operating Case Temperature
TC
0
+70
°C
Note: The recommended operating conditions for a device are operating conditions under which it
can be guaranteed that the device will operate as specified. If the device is used under
operating conditions other than the recommended operating conditions (supply voltage,
operating temperature range, specified AN and DC values etc.), malfunction may occur.
Thus, when designing products which include this device, ensure that the recommended
operating conditions for the device are always adhered to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com