Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 158 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 158 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 154Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 155Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 156Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 157Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 158Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 159Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 160Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 161Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 162Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 168 page
background image
Chapter 10 Electrical Characteristics
10-2
10.1.3
DC Characteristics
TC = 0°C to 70°C, VccInt = 1.5 V ± 0.1 V, VccIO = 3.3 V ± 0.2 V
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Output High Voltage
VOH
VccIO = 3.3 V, Vss = 0 V
IOH = −4 mA
2.4
V
Output Low Voltage
VOL
VccIO = 3.3 V, Vss = 0 V
IOL = 4 mA
0.4
V
Input High Voltage (*2)
VIH
2.0
VccIO + 0.3
V
Input Low Voltage (*1,2)
VIL
-0.5 (*1)
0.8
V
Operating Current
(Internal)
ICCInt
VccIO = 3.5 V,
VccInt = 1.6 V,
MasterClock = 100 MHz
PClock = 200 MHz
350
550
mA
Operating Current
(I/O)
ICCIO
VccIO = 3.5 V,
VccInt = 1.6 V,
MasterClock = 100 MHz
PClock = 200 MHz
50
60
mA
Input Leakage
ILI
Except (*3) port
±10
µA
Pull-up (*3)
Rinu
30
50
100
K
Ω
Pull-down (*4)
Rind
30
50
100
K
Ω
Output Leakage
ILO
±20
µA
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
10
pF
(*1) VIL Min = − 1.5 V for pulse width less than 10 ns.
(*2) Except for MasterClock input
(*3) Applies to Int(5:0)*, NMI*, RESET*, JTMS, JTCK, JTDI, TPC1 inputs
(*4) Applies to TRST*, RdRdy*, TPC3, TPC2 inputs
10.1.4
AC Characteristics
10.1.4.1 Clock Timing
TC = 0°C to 70°C, VccInt = 1.5 V ± 0.1 V, VccIO = 3.3 V ± 0.2 V
Parameter
Symbol
Conditions
Min
Max
Units
MasterClock High
tMCH
Transition 5 ns
3.0
ns
MasterClock Low
tMCL
Transition 5 ns
3.0
ns
MasterClock Frequency (*1)
fMCK
20
100
MHz
Internal Operation Frequency
fPCK
50
200
MHz
MasterClock Period
tMCP
10
50
ns
MasterClock Rise Time
tMCR
2.0
ns
MasterClock Fall Time
tMCF
2.0
ns
(*1) Operation of TMPR4955AF is only guaranteed with the Phase Lock Loop enabled.
(*2) All output timings assume a 25 pF capacitive load. Output timings should be derated where
appropriate.
10.1.4.2 System Interface
TC = 0°C to 70°C, VccInt = 1.5 V ± 0.1 V, VccIO = 3.3 V ± 0.2 V, BufSel = 100%
Parameter
Symbol
Min
Max
Units
Data Output (*1, 2, 3)
tDO
1.0
6.5
ns
Data Setup (*3)
tDS
3.5
ns
Data Hold (*3)
tDH
1.0
ns
(*1) Timings are measured from 1.5 V of the MasterClock to 1.5 V of signal.
(*2) Capacitive load for all output timings is 25 pF.
(*3) Data Output, Data Setup and Data Hold apply to all logic signals driven out of or driven into
the TMPR4955AF on the system interface. Clocks are specified separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com