Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 156 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 156 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 152Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 153Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 154Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 155Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 156Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 157Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 158Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 159Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 160Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 168 page
background image
Chapter 9 Debug Support Unit
9-4
9.9
Debug Exception
Three kinds of debug exception are supported.
• Debug Single Step (DSS bit)
• Debug Breakpoint Exception (SDBBP Instruction)
• JTAG Break Exception (Jtagbrk bit in JTAG_Control_Register)
Note: During real time debugging, first two functions are disabled.
9.9.1
Debug Single Step (DSS)
When the debug register DSS bit is set, this exception has been raised each time one
instruction is executed.
9.9.2
Debug Breakpoint exception (Dbp)
This exception is raised when SDBBP instruction is executed.
9.9.3
JTAG Break Exception
This exception is raised when JTAG unit set the Jtagbrk in JTAG_Control_Register.
9.9.4
Debug Exception Handling
Updates DEPC and Debug register.
Registers other than DEPC and Debug register retain their values.
9.9.5
Branching to debug handler
If the ProbEnb bit in JTAG_Control_Register[15] is set, the debug exception vector is
located at
PC: 0xffff ffff ff20 0200
If the ProbEnb bit in JTAG_Conctrol_Register[15] is cleared, the debug exception vector
is located at
PC: 0xffff ffff bfc0 0400
9.9.6
Exception handling when in Debug Mode (DM bit is set)
All interrupts including NMI are masked. When the NMI interrupt has occurred during
Debug mode, it is stored internally and the NMI interrupt is taken after debug handler is
finished (DM is clear)
9.10 Real Time PC TRACE Output
In real time mode non-sequential Program Counter and trace information are outputted on
TPC[3:0] and PCST[8:0] at 1/3 of the processor clock speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com