Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 165 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 165 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 160Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 161Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 162Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 163Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 164Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 165Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 166Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 167Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 168Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 165 / 168 page
background image
Appendix B.
B-1
B.
Movement parameter setting of a processor
A table explains movement parameter with a processor.
Item
Description
Single write protocol
These modes are selected by G2SConfig-Register.
Writeback data rate
These modes are selected by G2SConfig-Register.
Clock multiplier
These modes are selected by external pin
(DivMode (1:0))
Endian set
Endian is selected by external pin (Endian).
Indicates the initial setting of the endian during areset.
0: Little Endian
1: Big Endian
Timer Interrupt
Timer-Interrupt is selected by external pin (TintDis).
It is Selection of Timer-Interrupt or Int5.
0: Timer-Interrupt enable Int5 is disable
1: Timer-Interrupt disable Int5 is enable
SysAD bus protocol type
SysAD bus protocol type is selected by external pin (MODE43*).
It is selection of TX4300 type or R5000 type.
0: TX4300 type
1: R5000 type
Note1: A: Address (32 bit), W: Word (32 bit)
Note2: Initial set of data rate
Single write: AWxx (R4000 compatible)
Block write: AWWWWWWWW
Write mode
00
R4000 compatible
AWxx
01
reserved
reserved
10
Reissue write
AW
11
Pipeline write
AW
Date rate
0
AWWWWWWWW
1
AWxxWxxWxxWxxWxxWxxWxxWxx
DivMode (1:0)
Master Clock
PClock
ratio
00
41.8 MHz/50 MHz
167 MHz/200 MHz
1:4
01
66.8 MHz/80 MHz
167 MHz/200 MHz
1:2.5
10
83.5 MHz/100 MHz
167 MHz/200 MHz
1:2
11
55.7 MHz/66 MHz
167 MHz/200 MHz
1:3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com