Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4955F Datasheet(PDF) 167 Page - Toshiba Semiconductor

Part # TMPR4955F
Description  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F Datasheet(HTML) 167 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 160Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 161Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 162Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 163Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 164Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 165Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 166Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 167Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 168Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 167 / 168 page
background image
Appendix C.
C-1
C.
Differences Between the TMPR4955 and the TMPR4955A
Product Name
TMPR4955F
TMPR4955AF
Power Supply: Core (incl. PLL)
I/O
2.5 V
3.3 V
1.5 V
3.3 V
Pin Assignment (No.2)
(No.35)
VccIO
VccIO
BufSel1
BufSel0
I/O Buffer Drive (Ratio)
1.0
Selectable from 0.5, 1.0 and 1.5
Note: BufSel (1:0)
=
11
10
01
00
Output Drive Ratio
=
100%
150%
Reserved
50%
Signals influenced by BufSel(1:0)
Signal Name
I/O
SysAD(31:0)
I/O
SysCmd(8:0)
I/O
SysADC
I/O
SysCmdP
I/O
ValidOut*
O
Release*
O
HALTDOZE
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com