Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7393 Datasheet(PDF) 41 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 37Page - Analog Devices ADV7393 Datasheet HTML 38Page - Analog Devices ADV7393 Datasheet HTML 39Page - Analog Devices ADV7393 Datasheet HTML 40Page - Analog Devices ADV7393 Datasheet HTML 41Page - Analog Devices ADV7393 Datasheet HTML 42Page - Analog Devices ADV7393 Datasheet HTML 43Page - Analog Devices ADV7393 Datasheet HTML 44Page - Analog Devices ADV7393 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 41 of 96
ADV7390/ADV7391 INPUT CONFIGURATION
The ADV7390/ADV7391 supports a number of different input
modes. The desired input mode is selected using Subaddress 0x01,
Bits[6:4]. The ADV7390/ADV7391 defaults to standard
definition (SD) mode upon power-up. Table 30 provides an
overview of all possible input configurations. Each input mode
is described in detail in this section.
Table 30. ADV7390/ADV7391 Input Configuration
Input Mode
P7
P6
P5
P4
P2
P2
P1
P0
000
SD
YCrCb
010
ED/HD-DDR
YCrCb
111
ED (at 54 MHz)
YCrCb
STANDARD DEFINITION
Subaddress 0x01, Bits[6:4] = 000
SD YCrCb data can be input in an interleaved 4:2:2 format over
an 8-bit bus rate of 27 MHz.
A 27 MHz clock signal must be provided on the CLKIN pin. If
required, external synchronization signals can be provided on
the HSYNC and VSYNC pins. Embedded EAV/SAV timing
codes are also supported. The ITU-R BT.601/656 input standard
is supported.
The interleaved pixel data is input on Pin P7 to Pin P0, with P0
being the LSB.
MPEG2
DECODER
CLKIN
P[7:0]
27MHz
YCrCb
ADV7390/
ADV7391
VSYNC,
HSYNC
2
8
Figure 49. SD Example Application
ENHANCED DEFINITION/HIGH DEFINITION
Subaddress 0x01, Bits[6:4] = 010
ED or HD YCrCb data can be input in an interleaved 4:2:2
format over an 8-bit DDR bus.
The clock signal must be provided on the CLKIN pin. If
required, external synchronization signals can be provided on
the HSYNC and VSYNC pins. Embedded EAV/SAV timing
codes are also supported.
8-Bit 4:2:2 ED/HD YCrCb Mode (DDR)
In 8-bit DDR 4:2:2 YCrCb input mode, the Y pixel data is input
on Pin P7 to Pin P0 upon either the rising or falling edge of
CLKIN. P0 is the LSB.
The CrCb pixel data is also input on Pin P7 to Pin P0
upon the opposite edge of CLKIN. P0 is the LSB.
Whether the Y data is clocked in upon the rising or falling edge
of CLKIN is determined by Subaddress 0x01, Bits[2:1] (see
Figure 50 and Figure 51).
3FF
00
00
XY
Y0
Y1
Cr0
CLKIN
NOTES
1. SUBADDRESS 0x01 [2:1] SHOULD BE SET TO 00 IN THIS CASE.
P[7:0]
Cb0
Figure 50. ED/HD-DDR Input Sequence (EAV/SAV)—Option A
3FF
00
00
XY
Cb0
Cr0
Y1
CLKIN
P[7:0]
Y0
NOTES
1. SUBADDRESS 0x01 [2:1] SHOULD BE SET TO 11 IN THIS CASE.
Figure 51. ED/HD-DDR Input Sequence (EAV/SAV)—Option B
MPEG2
DECODER
CLKIN
P[7:0]
INTERLACED TO
PROGRESSIVE
YCrCb
ADV7390/
ADV7391
VSYNC,
HSYNC
8
2
YCrCb
Figure 52. ED/HD-DDR Example Application
ENHANCED DEFINITION (AT 54 MHz)
Subaddress 0x01, Bits[6:4] = 111
ED YCrCb data can be input in an interleaved 4:2:2 format over
an 8-bit bus rate of 54 MHz.
A 54 MHz clock signal must be provided on the CLKIN pin.
Embedded EAV/SAV timing codes are supported. External
synchronization signals are not supported in this mode.
The interleaved pixel data is input on Pin P7 to Pin P0, with P0
being the LSB.
3FF
00
00
XY
Cb0
Y0
Y1
Cr0
CLKIN
P[7:0]
Figure 53. ED (At 54 MHz) Input Sequence (EAV/SAV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com