Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7393 Datasheet(PDF) 64 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 60Page - Analog Devices ADV7393 Datasheet HTML 61Page - Analog Devices ADV7393 Datasheet HTML 62Page - Analog Devices ADV7393 Datasheet HTML 63Page - Analog Devices ADV7393 Datasheet HTML 64Page - Analog Devices ADV7393 Datasheet HTML 65Page - Analog Devices ADV7393 Datasheet HTML 66Page - Analog Devices ADV7393 Datasheet HTML 67Page - Analog Devices ADV7393 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 64 of 96
Power Supply Decoupling
It is recommended that each power supply pin be decoupled
with 10 nF and 0.1 μF ceramic capacitors. The VAA, PVDD,
VDD_IO, and both VDD pins should be individually decoupled to
ground. The decoupling capacitors should be placed as close as
possible to the ADV739x with the capacitor leads kept as short
as possible to minimize lead inductance.
A 1 μF tantalum capacitor is recommended across the VAA
supply in addition to the 10 nF and 0.1 μF ceramic capacitors.
Power Supply Sequencing
The ADV739x is robust to all power supply sequencing
combinations. Any particular sequence can be used.
Digital Signal Interconnect
The digital signal traces should be isolated as much as possible
from the analog outputs and other analog circuitry. Digital
signal traces should not overlay the VAA or PVDD power planes.
Due to the high clock rates used, avoid long clock traces to the
ADV739x to minimize noise pickup.
Any pull-up termination resistors for the digital inputs should
be connected to the VDD power supply.
Any unused digital inputs should be tied to ground.
Analog Signal Interconnect
DAC output traces should be treated as transmission lines with
appropriate measures taken to ensure optimal performance (for
example, impedance matched traces). The DAC output traces
should be kept as short as possible. The termination resistors on
the DAC output traces should be placed as close as possible to
and on the same side of the PCB as the ADV739x.
To avoid crosstalk between the DAC outputs, it is
recommended that as much space as possible be left between
the traces connected to the DAC output pins. Adding ground
traces between the DAC output traces is also recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com