Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7393 Datasheet(PDF) 48 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 44Page - Analog Devices ADV7393 Datasheet HTML 45Page - Analog Devices ADV7393 Datasheet HTML 46Page - Analog Devices ADV7393 Datasheet HTML 47Page - Analog Devices ADV7393 Datasheet HTML 48Page - Analog Devices ADV7393 Datasheet HTML 49Page - Analog Devices ADV7393 Datasheet HTML 50Page - Analog Devices ADV7393 Datasheet HTML 51Page - Analog Devices ADV7393 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 48 of 96
Programming the FSC
The subcarrier frequency register value is divided into four FSC
registers as shown in the previous example. The four subcarrier
frequency registers must be updated sequentially, starting with
Subcarrier Frequency Register 0 and ending with Subcarrier
Frequency Register 3. The subcarrier frequency updates only
after the last subcarrier frequency register byte has been
received by the ADV739x.
Typical FSC Values
Table 37 outlines the values that should be written to the
subcarrier frequency registers for NTSC and PAL B/D/G/H/I.
Table 37. Typical FSC Values
Subaddress
Description
NTSC
PAL B/D/G/H/I
0x8C
FSC0
0x1F
0xCB
0x8D
FSC1
0x7C
0x8A
0x8E
FSC2
0xF0
0x09
0x8F
FSC3
0x21
0x2A
SD NONINTERLACED MODE
Subaddress 0x88, Bit 1
The ADV739x supports a SD noninterlaced mode. Using this
mode, progressive inputs at twice the frame rate of NTSC and
PAL (240p/59.94 Hz and 288p/50 Hz, respectively) can be input
into the ADV739x. The SD noninterlaced mode can be enabled
using Subaddress 0x88, Bit 1.
A 27 MHz clock signal must be provided on the CLKIN pin.
Embedded EAV/SAV timing codes or external horizontal and
vertical synchronization signals provided on the HSYNC and
VSYNC pins can be used to synchronize the input pixel data.
All input configurations, output configurations, and features
available in NTSC and PAL modes are available in SD noninter-
laced mode.
For 240p/59.94 Hz input, the ADV739x should be configured for
NTSC operation and Subaddress 0x88, Bit 1 should be set to 1.
For 288p/50 Hz input, the ADV739x should be configured for
PAL operation and Subaddress 0x88, Bit 1 should be set to 1.
SD SQUARE PIXEL MODE
Subaddress 0x82, Bit 4
The ADV739x can be used to operate in square pixel mode
(Subaddress 0x82, Bit 4). For NTSC operation, an input clock of
24.5454 MHz is required. Alternatively, for PAL operation, an
input clock of 29.5 MHz is required. The internal timing logic
adjusts accordingly for square pixel mode operation.
In square pixel mode, the timing diagrams shown in Figure 65
and Figure 66 apply.
Y Cr Y
F
F
0
0
0
0
X
Y
8
0
1
0
8
0
1
0
F
F
0
0
F
F
A
B
A
B
A
B
8
0
1
0
8
0
1
0
F
F
0
0
0
0
X
Y
C
b
Y C
r
C
b
Y
C
b
Y
C
r
EAV CODE
SAV CODE
ANCILLARY DATA
(HANC)
4 CLOCK
4 CLOCK
272 CLOCK
1280 CLOCK
4 CLOCK
4 CLOCK
344 CLOCK
1536 CLOCK
END OF ACTIVE
VIDEO LINE
START OF ACTIVE
VIDEO LINE
ANALOG
VIDEO
INPUT PIXELS
NTSC/PAL M SYSTEM
(525 LINES/60Hz)
PAL SYSTEM
(625 LINES/50Hz)
Y
Figure 65. Square Pixel Mode EAV/SAV Embedded Timing
FIELD
PIXEL
DATA
PAL = 308 CLOCK CYCLES
NTSC = 236 CLOCK CYCLES
Cb
Y
Cr
Y
HSYNC
Figure 66. Square Pixel Mode Active Pixel Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com