Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7393 Datasheet(PDF) 44 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 40Page - Analog Devices ADV7393 Datasheet HTML 41Page - Analog Devices ADV7393 Datasheet HTML 42Page - Analog Devices ADV7393 Datasheet HTML 43Page - Analog Devices ADV7393 Datasheet HTML 44Page - Analog Devices ADV7393 Datasheet HTML 45Page - Analog Devices ADV7393 Datasheet HTML 46Page - Analog Devices ADV7393 Datasheet HTML 47Page - Analog Devices ADV7393 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 44 of 96
OUTPUT CONFIGURATION
The ADV739x supports a number of different output configurations. Table 32 to Table 34 lists all possible output configurations.
Table 32. SD Output Configurations
RGB/YPrPb Output Select1
(0x02, Bit 5)
SD DAC Output 1
(0x82, Bit 1)
SD Luma/Chroma Swap
(0x84, Bit 7)
DAC 1
DAC 2
DAC 3
0
0
0
G
B
R
1
0
0
Y
Pb
Pr
1
1
0
CVBS
Luma
Chroma
1
1
1
CVBS
Chroma
Luma
1 If SD RGB output is selected, a color reversal is possible using Subaddress 0x86, Bit 7.
Table 33. ED/HD Output Configurations
RGB/YPrPb Output Select (0x02, Bit 5)
ED/HD Color DAC Swap (0x35, Bit 3)
DAC 1
DAC 2
DAC 3
0
0
G
B
R
0
1
G
R
B
1
0
Y
Pb
Pr
1
1
Y
Pr
Pb
Table 34. ED (at 54 MHz) Output Configurations
RGB/YPrPb Output Select (0x02, Bit 5)
ED/HD Color DAC Swap (0x35, Bit 3)
DAC 1
DAC 2
DAC 3
0
0
G
B
R
0
1
G
R
B
1
0
Y
Pb
Pr
1
1
Y
Pr
Pb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com