Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7393 Datasheet(PDF) 26 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 22Page - Analog Devices ADV7393 Datasheet HTML 23Page - Analog Devices ADV7393 Datasheet HTML 24Page - Analog Devices ADV7393 Datasheet HTML 25Page - Analog Devices ADV7393 Datasheet HTML 26Page - Analog Devices ADV7393 Datasheet HTML 27Page - Analog Devices ADV7393 Datasheet HTML 28Page - Analog Devices ADV7393 Datasheet HTML 29Page - Analog Devices ADV7393 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 26 of 96
Table 14. Register 0x01 to Register 0x09
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
Reserved.
0
0x00
0
0
Chroma clocked in on rising clock edge and
luma clocked in on falling clock edge.
0
1
Reserved.
1
0
Reserved.
DDR Clock Edge Alignment.
Note: Only used for ED1 and
HD DDR modes.
1
1
Luma clocked in on rising clock edge and
chroma clocked in on falling clock edge.
Reserved.
0
0
0
0
SD input.
0
0
1
ED/HD-SDR input2
0
1
0
ED/HD-DDR input.
0
1
1
Reserved.
1
0
0
Reserved.
1
0
1
Reserved.
1
1
0
Reserved.
Input Mode.
Note: See Reg. 0x30, Bits[7:3]
for ED/HD format selection.
1
1
1
ED (at 54 MHz) input.
0x01
Mode Select
Register
Reserved.
0
Reserved.
0
0
Zero must be written to these bits.
0x20
0
Disabled.
Test Pattern Black Bar.3
1
Enabled.
0
Disable manual RGB matrix adjust.
Manual RGB Matrix Adjust.
1
Enable manual RGB matrix adjust.
0
No sync.
Sync on RGB.
1
Sync on all RGB outputs.
0
RGB component outputs.
RGB/YPrPb Output Select.
1
YPrPb component outputs.
0
No sync output.
SD Sync Output Enable.
1
Output SD syncs on HSYNC and VSYNC pins.
0
No sync output.
0x02
Mode
Register 0
ED/HD Sync Output Enable.
1
Output ED/HD syncs on HSYNC and VSYNC
pins.
0x03
ED/HD CSC
Matrix 0
x
x
LSBs for GY.
0x03
x
x
LSBs for RV.
0xF0
x
x
LSBs for BU.
x
x
LSBs for GV.
0x04
ED/HD CSC
Matrix 1
x
x
LSBs for GU.
0x05
ED/HD CSC
Matrix 2
x
x
x
x
x
x
x
x
Bits[9:2] for GY.
0x4E
0x06
ED/HD CSC
Matrix 3
x
x
x
x
x
x
x
x
Bits[9:2] for GU.
0x0E
0x07
ED/HD CSC
Matrix 4
x
x
x
x
x
x
x
x
Bits[9:2] for GV.
0x24
0x08
ED/HD CSC
Matrix 5
x
x
x
x
x
x
x
x
Bits[9:2] for BU.
0x92
0x09
ED/HD CSC
Matrix 6
x
x
x
x
x
x
x
x
Bits[9:2] for RV.
0x7C
1 ED = enhanced definition = 525p and 625p.
2 Available on the ADV7392/ADV7393 (40-pin devices) only.
3 Subaddress 0x31, Bit 2 must also be enabled (ED/HD). Subaddress 0x84, Bit 6 must also be enabled (SD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com