Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7393 Datasheet(PDF) 31 Page - Analog Devices

Part # ADV7393
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADV7393 Datasheet HTML 27Page - Analog Devices ADV7393 Datasheet HTML 28Page - Analog Devices ADV7393 Datasheet HTML 29Page - Analog Devices ADV7393 Datasheet HTML 30Page - Analog Devices ADV7393 Datasheet HTML 31Page - Analog Devices ADV7393 Datasheet HTML 32Page - Analog Devices ADV7393 Datasheet HTML 33Page - Analog Devices ADV7393 Datasheet HTML 34Page - Analog Devices ADV7393 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 31 of 96
Table 19. Register 0x39 to Register 0x43
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
Reserved.
0
0
0
0
0
0x00
0
Disabled
ED/HD EIA/CEA-861B
Synchronization Compliance.
1
Enabled
0x39
ED/HD Mode
Register 7
Reserved.
0
0
0
0
0
0
Gain A = 0
0x00
0
0
0
1
Gain A = +1
…
…
…
…
…
0
1
1
1
Gain A = +7
1
0
0
0
Gain A = −8
…
…
…
…
…
ED/HD Sharpness Filter Gain
Value A.
1
1
1
1
Gain A = −1
0
0
0
0
Gain B = 0
0
0
0
1
Gain B = +1
…
…
…
…
…
0
1
1
1
Gain B = +7
1
0
0
0
Gain B = −8
…
…
…
…
…
0x40
ED/HD Sharpness
Filter Gain
ED/HD Sharpness Filter Gain
Value B.
1
1
1
1
Gain B = −1
0x41
ED/HD CGMS
Data 0
ED/HD CGMS Data Bits.
0
0
0
0
C19
C18
C17
C16
CGMS C19 to C16
0x00
0x42
ED/HD CGMS
Data 1
ED/HD CGMS Data Bits.
C15
C14
C13
C12
C11
C10
C9
C8
CGMS C15 to C8
0x00
0x43
ED/HD CGMS
Data 2
ED/HD CGMS Data Bits.
C7
C6
C5
C4
C3
C2
C1
C0
CGMS C7 to C0
0x00
Table 20. Register 0x44 to Register 0x57
SR7 to
Bit Number
Register
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Setting
Value
0x44
ED/HD Gamma A0
ED/HD Gamma Curve A (Point 24).
x
x
x
x
x
x
x
x
A0
0x00
0x45
ED/HD Gamma A1
ED/HD Gamma Curve A (Point 32).
x
x
x
x
x
x
x
x
A1
0x00
0x46
ED/HD Gamma A2
ED/HD Gamma Curve A (Point 48).
x
x
x
x
x
x
x
x
A2
0x00
0x47
ED/HD Gamma A3
ED/HD Gamma Curve A (Point 64).
x
x
x
x
x
x
x
x
A3
0x00
0x48
ED/HD Gamma A4
ED/HD Gamma Curve A (Point 80).
x
x
x
x
x
x
x
x
A4
0x00
0x49
ED/HD Gamma A5
ED/HD Gamma Curve A (Point 96).
x
x
x
x
x
x
x
x
A5
0x00
0x4A
ED/HD Gamma A6
ED/HD Gamma Curve A (Point 128).
x
x
x
x
x
x
x
x
A6
0x00
0x4B
ED/HD Gamma A7
ED/HD Gamma Curve A (Point 160).
x
x
x
x
x
x
x
x
A7
0x00
0x4C
ED/HD Gamma A8
ED/HD Gamma Curve A (Point 192).
x
x
x
x
x
x
x
x
A8
0x00
0x4D
ED/HD Gamma A9
ED/HD Gamma Curve A (Point 224).
x
x
x
x
x
x
x
x
A9
0x00
0x4E
ED/HD Gamma B0
ED/HD Gamma Curve B (Point 24).
x
x
x
x
x
x
x
x
B0
0x00
0x4F
ED/HD Gamma B1
ED/HD Gamma Curve B (Point 32).
x
x
x
x
x
x
x
x
B1
0x00
0x50
ED/HD Gamma B2
ED/HD Gamma Curve B (Point 48).
x
x
x
x
x
x
x
x
B2
0x00
0x51
ED/HD Gamma B3
ED/HD Gamma Curve B (Point 64).
x
x
x
x
x
x
x
x
B3
0x00
0x52
ED/HD Gamma B4
ED/HD Gamma Curve B (Point 80).
x
x
x
x
x
x
x
x
B4
0x00
0x53
ED/HD Gamma B5
ED/HD Gamma Curve B (Point 96).
x
x
x
x
x
x
x
x
B5
0x00
0x54
ED/HD Gamma B6
ED/HD Gamma Curve B (Point 128).
x
x
x
x
x
x
x
x
B6
0x00
0x55
ED/HD Gamma B7
ED/HD Gamma Curve B (Point 160).
x
x
x
x
x
x
x
x
B7
0x00
0x56
ED/HD Gamma B8
ED/HD Gamma Curve B (Point 192).
x
x
x
x
x
x
x
x
B8
0x00
0x57
ED/HD Gamma B9
ED/HD Gamma Curve B (Point 224).
x
x
x
x
x
x
x
x
B9
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com