Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 300 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 300 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 296Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 297Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 298Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 299Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 300Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 301Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 302Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 303Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 304Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 5
..
..
.. .
..
. ...
DATA BUS
MUX
D15–D0
ADDRESS BUS
I
N
T
E
R
N
A
L
B
U
S
DATA BUS
DATA
D7–D0
X1
X2
SCLK
BAUD RATE
GENERATOR
LOGIC
CHANNEL B
FOUR-CHARACTER
RECEIVE BUFFER
TWO-CHARACTER
TRANSMIT BUFFER
RxDB
TxDB
RTSB
CTSB
CHANNEL A
FOUR-CHARACTER
RECEIVE BUFFER
TWO-CHARACTER
TRANSMIT BUFFER
RxDA
TxDA
RTSA
TxRDYA
CTSA
CONTROL
INTERNAL
CONTROL
LOGIC
S
E
R
I
A
L
M
O
D
U
L
E
RxRDYA
Figure 7-2. External and Internal Interface Signals
7.2.1 Crystal Input or External Clock (X1)
This input is one of two connections to a crystal or a single connection to an external
clock. A crystal or an external clock signal, at 3.6864 MHz, must be supplied when using
the baud rate generator. If a crystal is used, a capacitor of approximately 10 pF should be
connected from this signal to ground. If this input is not used, it must be connected to VCC
or GND. Refer to Section 10 Applications for an example of a clock driver circuit.
7.2.2 Crystal Output (X2)
This output is the additional connection to a crystal. If a crystal is used, a capacitor of
approximately 5 pF should be connected from this signal to ground. If an external TTL-
level clock is used on X1, the X2 output must be left open. Refer to Section 10
Applications for an example of a clock driver circuit.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com