Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 302 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 302 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 298Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 299Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 300Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 301Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 302Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 303Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 304Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 305Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 306Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
7- 7
7.2.9.1
RTSB. When used for this function, this signal can be programmed to be
automatically negated and asserted by either the receiver or transmitter. When connected
to the
CTS
≈ input of a transmitter, this signal can be used to control serial data flow.
7.2.9.2 OP1. When used for this function, this output is controlled by bit 1 in the OP.
7.2.10 Channel A Clear-To-Send (
CTSA)
This active-low input is the channel A clear-to-send.
7.2.11 Channel B Clear-To-Send (
CTSB)
This active-low input is the channel B clear-to-send.
7.2.12 Channel A Transmitter Ready (
T
≈RDYA)
This active-low output signal is programmable as the channel A transmitter ready or as a
dedicated parallel output, and cannot be masked by the interrupt enable register (IER).
7.2.12.1
T
≈RDYA. When used for this function, this signal reflects the complement of the
status of bit 2 of the channel A status register (SRA). This signal can be used to control
parallel data flow by acting as an interrupt to indicate when the transmitter contains a
character.
7.2.12.2 OP6. When used for this function, this output is controlled by bit 6 in the OP.
7.2.13 Channel A Receiver Ready (
R
≈RDYA)
This active-low output signal is programmable as the channel A receiver ready, channel A
FIFO full indicator, or a dedicated parallel output, and cannot be masked by the IER.
7.2.13.1
R
≈RDYA. When used for this function, this signal reflects the complement of the
status of bit 1 of the ISR. This signal can be used to control parallel data flow by acting as
an interrupt to indicate when the receiver contains a character.
7.2.13.2
FFULLA. When used for this function, this signal reflects the complement of the
status of bit 1 of the ISR. This signal can be used to control parallel data flow by acting as
an interrupt to indicate when the receiver FIFO is full.
7.2.13.3 OP4. When used for this function, this output is controlled by bit 4 in the OP.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com