Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 301 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 301 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 297Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 298Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 299Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 300Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 301Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 302Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 303Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 304Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 305Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 441 page
background image
7- 6
MC68340 USER’S MANUAL
MOTOROLA
7.2.3 External Input (SCLK)
This input can be used as the clock input for channel A and/or channel B and is
programmable in the clock-select registers (CSR). When used as the receiver clock,
received data is sampled on the rising edge of the clock. When used as the transmitter
clock, data is output on the falling edge of the clock. If this input is not used, it must be
connected to VCC or GND.
7.2.4 Channel A Transmitter Serial Data Output (TxDA)
This signal is the transmitter serial data output for channel A. The output is held high
('mark' condition) when the transmitter is disabled, idle, or operating in the local loopback
mode. Data is shifted out on this signal on the falling edge of the clock source, with the
least significant bit transmitted first.
7.2.5 Channel A Receiver Serial Data Input (RxDA)
This signal is the receiver serial data input for channel A. Data received on this signal is
sampled on the rising edge of the clock source, with the least significant bit received first.
7.2.6 Channel B Transmitter Serial Data Output (TxDB)
This signal is the transmitter serial data output for channel B. The output is held high
('mark' condition) when the transmitter is disabled, idle, or operating in the local loopback
mode. Data is shifted out on this signal at the falling edge of the clock source, with the
least significant bit transmitted first.
7.2.7 Channel B Receiver Serial Data Input (RxDB)
This signal is the receiver serial data input for channel B. Data on this signal is sampled
on the rising edge of the clock source, with the least significant bit received first.
7.2.8 Channel A Request-To-Send (
RTSA)
This active-low output signal is programmable as the channel A request-to-send or as a
dedicated parallel output.
7.2.8.1
RTSA. When used for this function, this signal can be programmed to be
automatically negated and asserted by either the receiver or transmitter. When connected
to the clear-to-send (
CTS
≈) input of a transmitter, this signal can be used to control serial
data flow.
7.2.8.2 OP0. When used for this function, this output is controlled by bit 0 in the output
port data register (OP).
7.2.9 Channel B Request-To-Send (
RTSB)
This active-low output signal is programmable as the channel B request-to-send or as a
dedicated parallel output.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com