Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68340 Datasheet(PDF) 303 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 303 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 299Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 300Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 301Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 302Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 303Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 304Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 305Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 306Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 307Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 441 page
background image
7- 8
MC68340 USER’S MANUAL
MOTOROLA
7.3 OPERATION
The following paragraphs describe the operation of the baud rate generator, transmitter
and receiver, and other functional operating modes of the serial module.
7.3.1 Baud Rate Generator
The baud rate generator consists of a crystal oscillator, baud rate generator, and clock
selectors (see Figure 7-3). The crystal oscillator operates directly from a 3.6864-MHz
crystal or from an external clock of the same frequency. The SCLK input bypasses the
baud rate generator and provides a synchronous clock mode of operation when used as a
divide-by-1 clock and an asynchronous clock mode when used as a divide-by-16 clock.
The clock is selected by programming the clock-select register (CSR) for each channel.
..
..
.. .
..
. ......
BAUD RATE
GENERATOR LOGIC
CRYSTAL
OSCILLATOR
BAUD RATE
GENERATOR
CLOCK
SELECTORS
X1
X2
SCLK
EXTERNAL
INTERFACE
Figure 7-3. Baud Rate Generator Block Diagram
7.3.2 Transmitter and Receiver Operating Modes
The functional block diagram of the transmitter and receiver, including command and
operating registers, is shown in Figure 7-4. The paragraphs that follow contain
descriptions for both these functions in reference to this diagram. For detailed register
information, refer to 7.4 Register Description and Programming.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com