Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC778FDH Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 29Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 30Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 31Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 32Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 33Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 34Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 35Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 36Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
33 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Table 31 summarizes the interrupt sources, flag bits, vector addresses, enable bits,
priority bits, arbitration ranking, and whether each interrupt may wake up the CPU
from Power-down mode.
8.8.1
External interrupt inputs
The P87LPC778 has two individual interrupt inputs as well as the Keyboard Interrupt
function. The latter is described separately elsewhere in this section. The two
interrupt inputs are identical to those present on the standard 80C51 microcontroller.
The external sources can be programmed to be level-activated or transition-activated
by setting or clearing bit IT1 or IT0 in Register TCON. If ITn = 0, external interrupt n is
triggered by a detected low at the INTn pin. If ITn = 1, external interrupt n is edge
triggered. In this mode if successive samples of the INTn pin show a high in one cycle
and a low in the next cycle, interrupt request flag IEn in TCON is set, causing an
interrupt request.
Since the external interrupt pins are sampled once each machine cycle, an input high
or low should hold for at least 6 CPU Clocks to ensure proper sampling. If the
external interrupt is transition-activated, the external source has to hold the request
pin high for at least one machine cycle, and then hold it low for at least one machine
cycle. This is to ensure that the transition is seen and that interrupt request flag IEn is
set. IEn is automatically cleared by the CPU when the service routine is called.
If the external interrupt is level-activated, the external source must hold the request
active until the requested interrupt is actually generated. If the external interrupt is still
asserted when the interrupt service routine is completed another interrupt will be
generated. It is not necessary to clear the interrupt flag IEn when the interrupt is level
sensitive, it simply tracks the input pin level.
If an external interrupt is enabled when the P87LPC778 is put into Power-down or
Idle mode, the interrupt will cause the processor to wake up and resume operation.
Refer to Section 8.12 “Power reduction modes” on page 43 for details.
Table 31:
Summary of interrupts
Description
Interrupt
Flag Bit(s)
Vector
Address
Interrupt
Enable Bit(s)
Interrupt
Priority
Arbitration
Ranking
Power-down
Wake-up
External Interrupt 0
IE0
0003h
EX0 (IEN0.0)
IP0H.0, IP0.0
1 (highest)
Yes
Timer0 Interrupt
TF0
000Bh
ET0 (IEN0.1)
IP0H.1, IP0.1
4
No
External Interrupt 1
IE1
0013h
EX1 (IEN0.2)
IP0H.2, IP0.2
7
Yes
Timer1 Interrupt
TF1
001Bh
ET1 (IEN0.3)
IP0H.3, IP0.3
10
No
Serial Port Tx and Rx
TI & RI
0023h
ES (IEN0.4)
IP0H.4, IP0.4
12
No
Brownout Detect
BOD
002Bh
EBO (IEN0.5)
IP0H.5, IP0.5
2
Yes
I2C-bus Interrupt
ATN
0033h
EI2 (IEN1.0)
IP1H.0, IP1.0
5
No
KBI Interrupt
KBF
003Bh
EKB (IEN1.1)
IP1H.1, IP1.1
8
Yes
Comparator 2 interrupt
CMF2
0043h
EC2 (IEN1.2)
IP1H.2, IP1.2
11
Yes
Watchdog Timer
WDOVF
0053h
EWD (IEN0.6)
IP0H.6, IP0.6
3
Yes
A/D Converter
ADCI
005Bh
EAD (IEN1.4)
IP1H.4, IP1.4
6
Yes
Comparator 1 interrupt
CMF1
0063h
EC1 (IEN1.5)
IP1H.5, IP1.5
9
Yes
Timer I interrupt
-
0073h
ETI (IEN1.7)
IP1H.7, IP1.7
13 (lowest)
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com