Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC778FDH Datasheet(PDF) 25 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 21Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 22Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 23Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 24Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 25Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 26Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 27Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 28Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
25 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.6.1
PWM brake function
In general when Brake is asserted the four PWM outputs are forced to a user
selected state, namely the state selected by the brakestate in PWMCON1 bits 0 to 3.
As shown in the description of the operation of the PWMCON1 register if
PWMCON1.4 is a ‘1’ brake is asserted under the control PWMCON1.7, BKCH, and
PWMCON1.5, BPEN.
As shown if both are a ‘0’ brake is asserted. If PWMCON1.7 is a ‘1’ brake is asserted
when the run bit, PWMCON0.7, is a ‘0’. If PWMCON1.6 is a ‘1’ brake is asserted
when the Brake Pin, P0.2, has the same polarity as PWMCON1.6. When brake is
asserted in response to this pin the RUN bit, PWMCON0.7, is automatically cleared.
The combination of both PWMCON1.7 and PWMCON1.5 being a ‘1’ is not allowed.
Since the Brake Pin being asserted will automatically clear the Run bit,
PWMCON0.7, the user program can poll this bit to determine when the Brake Pin
causes a brake to occur.
When the brake signal is released, the PWM pins hold their brake state assigned by
PWMCON1[3:0]. Since the RUN bit is cleared, the PWM pins will stay in the brake
state till the PWM is restarted.
The details for PWMCON1 are shown in Tables 20, 21 and 22.
2
PWM1I
0
PWM1 output is non-inverted. Output is a ‘1’ from the start
of the cycle until compare; ‘0’ thereafter.
1
PWM1 output is inverted. Output is ‘0’ from the start of the
cycle until compare; ‘1’ thereafter.
1
PWM0I
0
PWM0 output is non-inverted. Output is a ‘1’ from the start
of the cycle until compare; ‘0’ thereafter.
1
PWM0 output is inverted. Output is ‘0’ from the start of the
cycle until compare; ‘1’ thereafter.
Table 19:
PWMCON0 - PWM control register 0 (address 0DAH) bit description
Bit
Symbol
Value
Description
Table 20:
PWMCON1 - PWM control register 1 (address C8H) bit allocation
Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
BKCH
BKPS
BPEN
BKEN
PWM3B
PWM2B
PWM1B
PWM0B
Table 21:
PWMCON1 - PWM control register 1 (address C8H) bit description
Bit
Symbol
Value
Description
7
BKCH
-
See Table 22 below.
6
BKPS
0
‘Brake’ is asserted if P0.2 (Brake Pin) is LOW.
1
‘Brake’ is asserted if P0.2 (Brake Pin) is HIGH.
5
BPEN
See Table 22 below.
4
BKEN
0
‘Brake’ is never asserted.
1
‘Brake’ is enabled (see Table 22 below).
3
PWM3B
0
PWM3 is LOW, when Brake is asserted.
1
PWM3 is HIGH, when Brake is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com