Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC778FDH Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 15Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 16Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 17Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 18Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 19Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 20Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 21Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 22Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
19 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.5.2
Internal reference voltage
An internal reference voltage generator may supply a default reference when a single
comparator input pin is used. The value of the internal reference voltage, referred to
as Vref, is 1.28 V
±10 %.
8.5.3
Comparator interrupt
Each comparator has an interrupt flag CMFn contained in its configuration register.
This flag is set whenever the comparator output changes state. The flag may be
polled by software or may be used to generate an interrupt. The interrupt will be
generated when the corresponding enable bit ECn in the IEN1 register is set and the
interrupt system is enabled via the EA bit in the IEN0 register.
8.5.4
Comparators and power reduction modes
Either or both comparators may remain enabled when Power-down or Idle mode is
activated. The comparators will continue to function in the power reduction mode. If a
comparator interrupt is enabled, a change of the comparator output state will
generate an interrupt and wake up the processor. If the comparator output to a pin is
enabled, the pin should be configured in the push-pull mode in order to obtain fast
switching times while in Power-down mode. The reason is that with the oscillator
stopped, the temporary strong pull-up that normally occurs during switching on a
quasi-bidirectional port pin does not take place.
Comparators consume power in Power-down and Idle modes, as well as in the
normal operating mode. This fact should be taken into account when system power
consumption is an issue.
a.
CPn, CNn, OEn=000
b.
CPn, CNn, OEn=001
c.
CPn, CNn, OEn=010
d.
CPn, CNn, OEn=011
e.
CPn, CNn, OEn=100
f.
CPn, CNn, OEn=101
g.
CPn, CNn, OEn=110
h.
CPn, CNn, OEn=111
Fig 7.
Comparator configurations.
CINnA
CMPREF
002aaa618
COn
CINnA
CMPREF
002aaa620
COn
CMPn
CINnA
VREF (1.23V)
002aaa621
COn
CINnA
VREF (1.23 V)
002aaa622
COn
CMPn
CINnB
CMPREF
002aaa623
COn
CINnB
CMPREF
002aaa624
COn
CMPn
CINnB
VREF (1.23V)
002aaa625
COn
CINnB
VREF (1.23 V)
002aaa626
COn
CMPn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com