Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC778FDH Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 30Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 31Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 32Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 33Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 34Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 35Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 36Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 37Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
34 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.9 I/O ports
The P87LPC778 has 3 I/O ports, port 0, port 1, and port 2. The exact number of I/O
pins available depend upon the oscillator and reset options chosen. At least 15 pins
of the P87LPC778 may be used as I/Os when a two-pin external oscillator and an
external reset circuit are used. Up to 18 pins may be available if fully on-chip oscillator
and reset configurations are chosen.
All but three I/O port pins on the P87LPC778 may be software configured to one of
four types on a bit-by-bit basis, as shown in Table 32. These are: quasi-bidirectional
(standard 80C51 port outputs), push-pull, open drain, and input only. Two
configuration registers for each port choose the output type for each port pin.
8.9.1
Quasi-bidirectional output configuration
The default port output configuration for standard P87LPC778 I/O ports is the
quasi-bidirectional output that is common on the 80C51 and most of its derivatives.
This output type can be used as both an input and output without the need to
reconfigure the port. This is possible because when the port outputs a logic HIGH, it
is weakly driven, allowing an external device to pull the pin LOW. When the pin is
Fig 9.
Interrupt sources, interrupt enables, and Power-down wake-up sources.
002aaa627
IE0
EX0
IE1
EX1
BOD
EBO
KBF
EKB
INTERRUPT
TO CPU
WAKE-UP
(IF IN POWER-
DOWN)
EC2
CM2
EWD
WDT
EAD
ADC
EC1
CM1
EA (from IE0 register)
TF0
ET0
TF1
ET1
RI & TI
ES
ATN
EI2
TIMER 1 INTERRUPT
ETI
Table 32:
Port output configuration settings
PxM1.y
PxM2.y
Port output mode
0
0
Quasi-bidirectional
0
1
Push-Pull
1
0
Input Only (High Impedance)
1
1
Open Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com