Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC778FDH Datasheet(PDF) 68 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 64Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 65Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 66Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 67Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 68Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 69Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 70Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 71Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
68 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.18.2
Security bits
When neither of the security bits are programmed, the code in the EPROM can be verified.
When only security bit 1 is programmed, all further programming of the EPROM is disabled. At
that point, only security bit 2 may still be programmed. When both security bits are
programmed, EPROM verify is also disabled.
0 1 0
Low frequency crystal, 20 kHz to 100 kHz.
0 0 1
Medium frequency crystal or resonator, 100 kHz to 4 MHz.
0 0 0
High frequency crystal or resonator, 4 MHz to 20 MHz.
Table 63:
UCFG2 - EPROM system configuration byte 2 register (address FD01H) bit
allocation
Unprogrammed value: FFH
Bit
7
6
5
4
3
2
1
0
Symbol
SB2
SB1
-
-
-
-
-
-
Table 64:
UCFG2 - EPROM system configuration byte 2 register (address FD01H) bit
description
Bit
Symbol
Description
7, 6
SB2, SB1
EPROM security bits. See Table 65 for details.
5 to 0
-
Reserved for future use.
Table 62:
FOSC2-FOSC0 oscillator configuration…continued
FOSC[2:0]
Oscillator configuration
Table 65:
EPROM security bits
SB2
SB1
Protection description
1
1
Both security bits unprogrammed. No program security
features enabled. EPROM is programmable and
verifiable.
1
0
Only security bit 1 programmed. Further EPROM
programming is disabled. Security bit 2 may still be
programmed.
0
1
Only security bit 2 programmed. This combination is
not supported.
0
0
Both security bits programmed. All EPROM verification
and programming are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com