Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC778FDH Datasheet(PDF) 24 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 20Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 21Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 22Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 23Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 24Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 25Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 26Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 27Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
24 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
If PWMCON1 is written with Transfer set without Run being enabled the transfer will
never take place.
If a subsequent write sets Run without Transfer the compare and counter values will
not be updated.
If Transfer and Run are set, and prior to underflow there is a subsequent load of
PWMCON0 which sets Run but not Transfer, the transfer will never take place. The
compare and counter values that existed prior to the update attempt will be used.
As outlined above the Transfer bit can be polled to determine when the transfer
occurs. Unless there is a compelling reason to do otherwise, it is recommended that
both Run, PWMCON0.7, and Transfer, PWMCON0.6, be set when PWMCON0 is
written. When the Run bit, PWMCON0.7, is cleared the PWM outputs take on the
state they had just prior to the bit being cleared. In general this state is not known.
In order to place the outputs in a known state when Run is cleared the Compare
registers can be written to either the ‘always 1’ or ‘always 0’ so the output will have
the output desired when the counter is halted. After this PWMCON0 should be written
with the Transfer and Run bits are enabled. After this is done PWMCON0 is polled to
find that the Transfer has taken place. Once the transfer has occurred the Run bit in
PWMCON0 can be cleared. The outputs will retain the state they had just prior to the
Run being cleared.
Table 18:
PWMCON0 - PWM control register 0 (address 0DAH) bit allocation
Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
RUN
XFER
PWM3I
PWM2I
-
PWM1I
PWM0I
-
Table 19:
PWMCON0 - PWM control register 0 (address 0DAH) bit description
Bit
Symbol
Value
Description
7
RUN
0
Counter halted and preset value loaded. If Brake is
asserted, PWMx output will be equal to the value of the
corresponding PWMxB bit (PWMCON1[3:0]). If Brake is
not asserted, PWMx output will be equal to the Value after
compare.
1
Counter run
6
XFER
0
Counter run
1
Counter and compare shadow registers are not
connected to the active registers
5
PWM3I
0
PWM3 output is non-inverted. Output is a ‘1’ from the start
of the cycle until compare; ‘0’ thereafter.
1
PWM3 output is inverted. Output is a ‘0’ from the start of
the cycle until compare; ‘0’ thereafter.
4
PWM2I
0
PWM2 output is non-inverted. Output is a ‘1’ from the start
of the cycle until compare; ‘0’ thereafter.
1
PWM2 output is inverted. Output is ‘0’ from the start of the
cycle until compare; ‘1’ thereafter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com