Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC778FDH Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P87LPC778FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778FDH Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P87LPC778FDH Datasheet HTML 23Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 24Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 25Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 26Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 27Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 28Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 29Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 30Page - NXP Semiconductors P87LPC778FDH Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
27 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
• The MINIMUM SCL HIGH TO SDA HIGH time in a stop condition.
• The MINIMUM SDA HIGH TO SDA LOW time between I2C-bus stop and start
conditions (4.7 ms, see I2C-bus specification).
• The MINIMUM SDA LOW TO SCL LOW time in a start condition.
The MAXIMUM SCL CHANGE time while an I2C-bus frame is in progress. A frame is
in progress between a start condition and the following stop condition. This time span
serves to detect a lack of software response on this device as well as external
I2C-bus problems. SCL ‘stuck low’ indicates a faulty master or slave. SCL ‘stuck high’
may mean a faulty device, or that noise induced onto the I2C-bus caused all masters
to withdraw from I2C-bus arbitration.
The first five of these times are 4.7 ms (see I2C-bus specification) and are covered by
the low order three bits of Timer I. Timer I is clocked by the 87LPC77987 CPU clock.
Timer I can be pre-loaded with one of four values to optimize timing for different
oscillator frequencies. At lower frequencies, software response time is increased and
will degrade maximum performance of the I2C-bus. See special function register
I2CFG description for prescale values (CT0, CT1).
The MAXIMUM SCL CHANGE time is important, but its exact span is not critical. The
complete 10 bits of Timer I are used to count out the maximum time. When I2C-bus
operation is enabled, this counter is cleared by transitions on the SCL pin. The timer
does not run between I2C-bus frames (i.e., whenever reset or stop occurred more
recently than the last start). When this counter is running, it will carry out after 1020 to
1023 machine cycles have elapsed since a change on SCL. A carry out causes a
hardware reset of the I2C-bus interface. In cases where the bus hang-up is due to a
lack of software response by this device, the reset releases SCL and allows I2C-bus
operation among other devices to continue.
8.7.1
I2C-bus interrupts
If I2C-bus interrupts are enabled (EA and EI2 are both set to 1), an I2C-bus interrupt
will occur whenever the ATN flag is set by a start, stop, arbitration loss, or data ready
condition (refer to the description of ATN following). In practice, it is not efficient to
operate the I2C-bus interface in this fashion because the I2C-bus interrupt service
routine would somehow have to distinguish between hundreds of possible conditions.
Also, since I2C-bus can operate at a fairly high rate, the software may execute faster if
the code simply waits for the I2C-bus interface.
Typically, the I2C-bus interrupt should only be used to indicate a start condition at an
idle slave device, or a stop condition at an idle master device (if it is waiting to use the
I2C-bus). This is accomplished by enabling the I2C-bus interrupt only during the
aforementioned conditions.
[1]
Due to the manner in which bit addressing is implemented in the 80C51 family, the I2CON register
should never be altered by use of the SETB, CLR, CPL, MOV (bit), or JBC instructions. This is due to
the fact that read and write functions of this register are different. Testing of I2CON bits via the JB and
JNB instructions is supported.
Table 23:
I2CON - I2C-bus control register (address D8H) bit allocation
Bit addressable[1]; Reset value: 81H
Bit
7
6
5
4
3
2
1
0
Symbol (R)
RDAT
ATN
DRDY
ARL
STR
STP
MASTER
-
Symbol (W)
CXA
IDLE
CDR
CARL
CSTR
CSTP
XSTR
XSTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com