Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8513ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADMV8513ACCZ-R7
Description  520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8513ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADMV8513ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Data Sheet
ADMV8513
REGISTER DETAILS
analog.com
Rev. 0 | 24 of 31
Address: 0x014, Reset: 0x00, Name: FAST_LATCH_STATE
Table 22. Bit Descriptions for FAST_LATCH_STATE
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
FAST_LATCH_STATE
Fast Latch State. Reads back the internal state machine index for the fast latch LUT (SFL mode). This index
is the next location the internal state machine advances to, on the next CS rising edge. The internal state
machine index is set to the start index if the direction is set to increment, and the internal state machine index
is set to the stop index if the direction is set to decrement. Upon changes to the start index, stop index, and
direction, the index updates accordingly.
0x0
R
Address: 0x020, Reset: 0x00, Name: WR_FC
Table 23. Bit Descriptions for WR_FC
Bits
Bit Name
Description
Reset
Access
[7:0]
FC_LOAD_WR
Write Group: Center Frequency.
0x0
R/W
Address: 0x021, Reset: 0x00, Name: WR_BW
Table 24. Bit Descriptions for WR_BW
Bits
Bit Name
Description
Reset
Access
[7:0]
BW_LOAD_WR
Write Group: Bandwidth.
0x0
R/W
Address: 0x022, Reset: 0x00, Name: WR_MATCH
Table 25. Bit Descriptions for WR_MATCH
Bits
Bit Name
Description
Reset
Access
[7:0]
MATCH_LOAD_WR
Write Group: Match.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com