Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8513ACCZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMV8513ACCZ-R7
Description  520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8513ACCZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMV8513ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Data Sheet
ADMV8513
REGISTER SUMMARY
analog.com
Rev. 0 | 20 of 31
Table 12. ADMV8513 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x145
LUT23_FC
[7:0]
FC_LOAD_23
0x00
R/W
0x146
LUT23_BW
[7:0]
BW_LOAD_23
0x00
R/W
0x147
LUT23_MATCH
[7:0]
MATCH_LOAD_23
0x00
R/W
0x148
LUT24_FC
[7:0]
FC_LOAD_24
0x00
R/W
0x149
LUT24_BW
[7:0]
BW_LOAD_24
0x00
R/W
0x14A
LUT24_MATCH
[7:0]
MATCH_LOAD_24
0x00
R/W
0x14B
LUT25_FC
[7:0]
FC_LOAD_25
0x00
R/W
0x14C
LUT25_BW
[7:0]
BW_LOAD_25
0x00
R/W
0x14D
LUT25_MATCH
[7:0]
MATCH_LOAD_25
0x00
R/W
0x14E
LUT26_FC
[7:0]
FC_LOAD_26
0x00
R/W
0x14F
LUT26_BW
[7:0]
BW_LOAD_26
0x00
R/W
0x150
LUT26_MATCH
[7:0]
MATCH_LOAD_26
0x00
R/W
0x151
LUT27_FC
[7:0]
FC_LOAD_27
0x00
R/W
0x152
LUT27_BW
[7:0]
BW_LOAD_27
0x00
R/W
0x153
LUT27_MATCH
[7:0]
MATCH_LOAD_27
0x00
R/W
0x154
LUT28_FC
[7:0]
FC_LOAD_28
0x00
R/W
0x155
LUT28_BW
[7:0]
BW_LOAD_28
0x00
R/W
0x156
LUT28_MATCH
[7:0]
MATCH_LOAD_28
0x00
R/W
0x157
LUT29_FC
[7:0]
FC_LOAD_29
0x00
R/W
0x158
LUT29_BW
[7:0]
BW_LOAD_29
0x00
R/W
0x159
LUT29_MATCH
[7:0]
MATCH_LOAD_29
0x00
R/W
0x15A
LUT30_FC
[7:0]
FC_LOAD_30
0x00
R/W
0x15B
LUT30_BW
[7:0]
BW_LOAD_30
0x00
R/W
0x15C
LUT30_MATCH
[7:0]
MATCH_LOAD_30
0x00
R/W
0x15D
LUT31_FC
[7:0]
FC_LOAD_31
0x00
R/W
0x15E
LUT31_BW
[7:0]
BW_LOAD_31
0x00
R/W
0x15F
LUT31_MATCH
[7:0]
MATCH_LOAD_31
0x00
R/W
0x300
INTERP_FC_Y0
[7:0]
INTERP_FC_Y0
0xDA
R/W
0x301
INTERP_FC_Y1
[7:0]
INTERP_FC_Y1
0xB0
R/W
0x302
INTERP_FC_Y2
[7:0]
INTERP_FC_Y2
0x8E
R/W
0x303
INTERP_FC_Y3
[7:0]
INTERP_FC_Y3
0x66
R/W
0x304
INTERP_FC_Y4
[7:0]
INTERP_FC_Y4
0x4B
R/W
0x305
INTERP_FC_Y5
[7:0]
INTERP_FC_Y5
0x37
R/W
0x306
INTERP_FC_Y6
[7:0]
INTERP_FC_Y6
0x2A
R/W
0x307
INTERP_FC_Y7
[7:0]
INTERP_FC_Y7
0x20
R/W
0x308
INTERP_FC_Y8
[7:0]
INTERP_FC_Y8
0x18
R/W
0x309
INTERP_FC_Y9
[7:0]
INTERP_FC_Y9
0x13
R/W
0x30A
INTERP_BW_V0
[7:0]
INTERP_BW_V0
0x01
R/W
0x30B
INTERP_BW_V1
[7:0]
INTERP_BW_V1
0x05
R/W
0x30C
INTERP_BW_V2
[7:0]
INTERP_BW_V2
0x27
R/W
0x30D
INTERP_MATCH_T0
[7:0]
INTERP_MATCH_T0
0x05
R/W
0x30E
INTERP_MATCH_T1
[7:0]
INTERP_MATCH_T1
0x19
R/W
0x30F
INTERP_MATCH_T2
[7:0]
INTERP_MATCH_T2
0x8A
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com