Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8513ACCZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADMV8513ACCZ-R7
Description  520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8513ACCZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMV8513ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Data Sheet
ADMV8513
REGISTER SUMMARY
analog.com
Rev. 0 | 18 of 31
Table 12. ADMV8513 Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x000
ADI_SPI_CONFIG_A
[7:0]
SOFTRES
ET_
LSB_FIRS
T_
ENDIAN_
SDOACTI
VE_
SDOACTI
VE
ENDIAN
LSB_FIRS
T
SOFTRES
ET
0x00
R/W
0x001
ADI_SPI_CONFIG_B
[7:0]
SINGLE_I
NSTRUCT
ION
CSB_STA
LL
CONTROL
LER_TAR
GET_RB
RESERVED
CONTROL
LER_TAR
GET_TRA
NSFER
0x00
R/W
0x003
CHIPTYPE
[7:0]
CHIPTYPE
0x01
R
0x004
PRODUCT_ID_L
[7:0]
PRODUCT_ID_L
0x13
R
0x005
PRODUCT_ID_H
[7:0]
PRODUCT_ID_H
0x85
R
0x00C
VARIANT
[7:0]
RESERVED
VARIANT
0x01
R
0x011
FAST_LATCH_STOP
[7:0]
RESERVE
D
FAST_LATCH_STOP
0x7F
R/W
0x012
FAST_LATCH_START
[7:0]
RESERVE
D
FAST_LATCH_START
0x00
R/W
0x013
FAST_LATCH_DIRECTIO
N
[7:0]
RESERVED
FAST_LAT
CH_DIRE
CTION
0x00
R/W
0x014
FAST_LATCH_STATE
[7:0]
RESERVE
D
FAST_LATCH_STATE
0x00
R
0x020
WR_FC
[7:0]
FC_LOAD_WR
0x00
R/W
0x021
WR_BW
[7:0]
BW_LOAD_WR
0x00
R/W
0x022
WR_MATCH
[7:0]
MATCH_LOAD_WR
0x00
R/W
0x050
FILTER_CONFIG
[7:0]
RESERVED
INTERPO
LATE
0x00
R/W
0x060
FC_READBACK
[7:0]
FC_READBACK
0x00
R
0x061
BW_READBACK
[7:0]
BW_READBACK
0x00
R
0x062
MATCH_READBACK
[7:0]
MATCH_READBACK
0x00
R
0x100
LUT0_FC
[7:0]
FC_LOAD_0
0x00
R/W
0x101
LUT0_BW
[7:0]
BW_LOAD_0
0x00
R/W
0x102
LUT0_MATCH
[7:0]
MATCH_LOAD_0
0x00
R/W
0x103
LUT1_FC
[7:0]
FC_LOAD_1
0x00
R/W
0x104
LUT1_BW
[7:0]
BW_LOAD_1
0x00
R/W
0x105
LUT1_MATCH
[7:0]
MATCH_LOAD_1
0x00
R/W
0x106
LUT2_FC
[7:0]
FC_LOAD_2
0x00
R/W
0x107
LUT2_BW
[7:0]
BW_LOAD_2
0x00
R/W
0x108
LUT2_MATCH
[7:0]
MATCH_LOAD_2
0x00
R/W
0x109
LUT3_FC
[7:0]
FC_LOAD_3
0x00
R/W
0x10A
LUT3_BW
[7:0]
BW_LOAD_3
0x00
R/W
0x10B
LUT3_MATCH
[7:0]
MATCH_LOAD_3
0x00
R/W
0x10C
LUT4_FC
[7:0]
FC_LOAD_4
0x00
R/W
0x10D
LUT4_BW
[7:0]
BW_LOAD_4
0x00
R/W
0x10E
LUT4_MATCH
[7:0]
MATCH_LOAD_4
0x00
R/W
0x10F
LUT5_FC
[7:0]
FC_LOAD_5
0x00
R/W
0x110
LUT5_BW
[7:0]
BW_LOAD_5
0x00
R/W
0x111
LUT5_MATCH
[7:0]
MATCH_LOAD_5
0x00
R/W
0x112
LUT6_FC
[7:0]
FC_LOAD_6
0x00
R/W
0x113
LUT6_BW
[7:0]
BW_LOAD_6
0x00
R/W
0x114
LUT6_MATCH
[7:0]
MATCH_LOAD_6
0x00
R/W
0x115
LUT7_FC
[7:0]
FC_LOAD_7
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com