Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8513ACCZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADMV8513ACCZ-R7
Description  520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8513ACCZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMV8513ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
ADMV8513
REGISTER DETAILS
analog.com
Rev. 0 | 25 of 31
Address: 0x050, Reset: 0x00, Name: FILTER_CONFIG
Table 26. Bit Descriptions for FILTER_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
INTERPOLATE
Interpolation Enable. When this bit is set to zero, program the center frequency, bandwidth, and match. When this bit
is set to one, determine interpolation by the capacitors for the center frequency, bandwidth, and match.
0x0
R/W
Address: 0x060, Reset: 0x00, Name: FC_READBACK
Table 27. Bit Descriptions for FC_READBACK
Bits
Bit Name
Description
Reset
Access
[7:0]
FC_READBACK
Center Frequency Read Back.
0x0
R
Address: 0x061, Reset: 0x00, Name: BW_READBACK
Table 28. Bit Descriptions for BW_READBACK
Bits
Bit Name
Description
Reset
Access
[7:0]
BW_READBACK
Bandwidth Read Back.
0x0
R
Address: 0x062, Reset: 0x00, Name: MATCH_READBACK
Table 29. Bit Descriptions for MATCH_READBACK
Bits
Bit Name
Description
Reset
Access
[7:0]
MATCH_READBACK
Match Read Back.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com