Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8513ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV8513ACCZ-R7
Description  520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8513ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADMV8513ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
ADMV8513
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 31
TA = 25°C, unless otherwise noted.
Table 1. Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE (fCENTER)
520
1300
MHz
BANDWIDTH (3 dB)
8.5
%
BANDWIDTH ADJUSTABILITY
±2
%
RESOLUTION
1
%
8 bits per filter
REJECTION (20 dB)
Low-Side
0.84 × fCENTER
MHz
High-Side
1.17 × fCENTER
MHz
RE-ENTRY FREQUENCY
>4
GHz
≤30 dB
INSERTION LOSS
5.5
dB
RETURN LOSS
20
dB
DYNAMIC PERFORMANCE
Input Compression (P0.1dB)
25
dBm
Input Third-Order Intercept (IP3)
46
dBm
Input power (PIN) = 5 dBm, 100 kHz tone separation
Group Delay
9
ns
At fCENTER = 520 MHz
Amplitude Settling Time
4
µs
To within ≤1 dB of static insertion loss
Phase Settling Time
9
µs
To within ≤2° of static phase
Drift Rate
Amplitude
–0.012
dB/°C
At fCENTER = 927 MHz
Frequency
–66
ppm/°C
At fCENTER = 927 MHz
NOISE FIGURE
5.5
dB
Noise figure = insertion loss
SUPPLY VOLTAGE
VSS
–2.6
–2.5
–2.4
V
VDD
+3.2
+3.3
+3.4
V
SUPPLY CURRENT (STATIC)
Static
VSS Current (ISS)
2
µA
VDD Current (IDD)
125
µA
Dynamic
IDD
fSCLK/4
mA
fSCLK is the SCLK toggle frequency in MHz, for example,
continuous serial peripheral interface (SPI) writing at 10
MHz yields 2.5 mA of dynamic supply current
LOGIC (RST, CS, SCLK, SDI, SDO, and SFL)
Logic Low
−0.3
0
+0.8
V
Logic High
1.2
3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com