Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8513ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV8513ACCZ-R7
Description  520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8513ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV8513ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Data Sheet
ADMV8513
520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Digitally tunable, octave, band-pass tuning
3 dB bandwidth: 8.5% ± 2%
Rejection (20 dB): 17% away from fCENTER
Single chip replacement for discrete filter banks
Compact 10.00 mm × 10.00 mm × 2.10 mm LGA package
APPLICATIONS
Land mobile radios
Test and measurement equipment
Military radars and electronic warfare and electronic counter-
measures
Satellite communications
Industrial and medical equipment
GENERAL DESCRIPTION
The ADMV8513 is an RF band-pass filter that features a digitally
selectable frequency of operation. The filter center frequency (fCEN-
TER) can be adjusted from 520 MHz to 1300 MHz, using an 8-bit
value (256 states) that incorporates a patent pending interpolation
technique.
The typical 3 dB bandwidth is 8.5% with narrow-band and wide-
band options and adjustability is ±2%. Insertion loss is typically 5.5
dB, and the 20 dB rejection is 17% away from fCENTER, which is
ideally suited for minimizing system interferers.
This tunable filter can be used as a smaller alternative to large
switched filter banks and discrete component-based tunable filters,
and this device provides a dynamically adjustable solution in ad-
vanced communications applications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADMV8513ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8502 AD-ADMV8502 Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502-EVALZ AD-ADMV8502-EVALZ Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502ACCZ AD-ADMV8502ACCZ Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8502ACCZ-R7 AD-ADMV8502ACCZ-R7 Datasheet
1Mb / 32P
90 MHz to 225 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results

Similar Description - ADMV8513ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFTC-9R5 MINI-HFTC-9R5 Datasheet
99Kb / 1P
Ceramic High Pass Filter 1300 to 3500 MHz
logo
Johanson Technology Inc...
2450BP07A0100 JOHANSON-2450BP07A0100 Datasheet
128Kb / 2P
2450 MHz Band Pass Filter
2450BP14E0100 JOHANSON-2450BP14E0100 Datasheet
125Kb / 2P
2450 MHz Band Pass Filter
2450BP15E0100 JOHANSON-2450BP15E0100 Datasheet
129Kb / 2P
2450 MHz Band Pass Filter
logo
Hittite Microwave Corpo...
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
FILTER - TUNABLE, BAND PASS
logo
Central Technologies
CT5HTF CT-CT5HTF Datasheet
428Kb / 1P
Tunable Band Pass Filter
logo
Johanson Technology Inc...
1810BP07B200T JOHANSON-1810BP07B200T Datasheet
215Kb / 3P
1810 MHz Band Pass Filter
logo
Analog Devices
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com