Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8513ACCZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV8513ACCZ-R7
Description  520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8513ACCZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV8513ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8513ACCZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Data Sheet
ADMV8513
THEORY OF OPERATION
analog.com
Rev. 0 | 10 of 31
CHIP ARCHITECTURE
The ADMV8513 contains several switched capacitors that allow
the RF performance to vary. A simplified diagram of the filter
architecture is shown in Figure 18.
Figure 18. Simplified Filter Architecture Diagram
The two center frequency capacitors (CFC) are configured by the
fCENTER load value, which manipulates the fCENTER of the filter.
Likewise, the bandwidth capacitor (CBW) is configured by the band-
width load value, which adjusts the bandwidth response of the
filter. Additionally, the two match capacitors (CMATCH) are set by the
match load value, which allows adjustments to impedance matching
of the filter.
The fCENTER, bandwidth, and match load values each have 256
states (8 bits). In theory, there are over 16 million possible states for
fCENTER, bandwidth, and match load values for each band within the
ADMV8513. To simplify selection of these values, Analog Devices,
Inc., has developed three patent pending interpolation functions to
ease implementation.
RF CONNECTIONS
The RF1 and RF2 pins of the ADMV8513 are dc-coupled to
on-chip ESD protection diodes. If a dc voltage is present on the
RF1 and RF2 pins from other components within the system, it
is recommended to place dc blocking capacitors in series with
these pins. The dc blocking capacitors must be selected based
on the operating frequency of the filter. Generally, a value greater
than 10 nF is sufficient to minimize insertion loss at the lower
frequencies of operation. At higher frequencies of operation, it may
be necessary to consider the parasitic elements of the selected
capacitor. Figure 19 shows a general model of a capacitor with the
parasitic elements. The parasitic series inductance (LESL) is typical-
ly of most concern given that its impedance can become dominant.
The other parasitic elements, including the leakage resistance (RL),
the dielectric absorption resistance (RDA), the dielectric absorption
capacitance (CDA), and electrical series resistance (RESR) are less
critical elements for consideration but are shown in Figure 19 for
completeness.
Figure 19. Model of a Capacitor
SPI CONFIGURATION
The SPI of the ADMV8513 allows configuration of the device for
specific functions or operations via the 5-pin SPI port. This interface
provides users with added flexibility and customization. The SPI
consists of five control lines: SFL, SCLK, SDI, SDO, and CS. For
normal SPI operations, keep the SFL pin low.
The SPI protocol consists of an R/W bit followed by 15 register
address bits and 8 data bits. The address field and data field are
organized MSB first and end with the LSB.
Set the MSB to 0 for a write operation and set the MSB to 1 for a
read operation. The write cycle must be sampled on the rising edge
of SCLK. The 24 bits of the serial write address and data are shifted
in on the SDI control line, MSB to LSB. The ADMV8513 input logic
level for the write cycle supports a 3.3 V interface.
For a read cycle, the R/W bit and the 15 register address bits shift
in on the rising edge of SCLK on the SDI control line. Then, 8 bits of
serial read data shift out on the SDO control line, MSB first, on the
falling edge of SCLK. The output logic level for a read cycle is 3.3
V. The output drivers of the SDO are enabled after the last rising
edge of SCLK of the instruction cycle and remain active until the
end of the read cycle. In a read operation, when CS is deasserted,
SDO returns to high impedance until the next read transaction. CS
is active low and must be deasserted at the end of the write or read
sequence.
An active low input on CS starts and gates a communication cycle.
The CS pin allows more than one device to be used on the same
serial communications lines. The SDO pin goes to a high impe-
dance state when the CS input is high. During the communication
cycle, CS must stay low. The SPI communications protocol follows
the Analog Devices SPI standard. For more information, see the
ADI-SPI Serial Control Interface Standard (Rev 1.0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com