| Electronic Components Datasheet Search |
|
AD9923ABBCZ Datasheet(PDF) 60 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9923ABBCZ Datasheet(HTML) 60 Page - Analog Devices |
|
60 / 88 page ![]() AD9923A Rev. 0 | Page 60 of 88 H-COUNTER RESET VD NOTES 1. INTERNAL HD FALLING EDGE IS LATCHED BY CLI RISING EDGE, THEN LATCHED AGAIN BY SHD INTERNAL FALLING EDGE. 2. INTERNAL H-COUNTER IS ALWAYS RESET 32.5 CLOCK CYCLES AFTER THE INTERNAL HD FALLING EDGE. 3. DEPENDING ON THE VALUE OF SHDLOC, H-COUNTER RESET CAN OCCUR 33 OR 34 CLI CLOCK EDGES AFTER THE EXTERNAL HD FALLING EDGE. 4. SHDLOC = 0 IS SHOWN IN ABOVE EXAMPLE. IN THIS CASE, THE H-COUNTER RESET OCCURS 34 CLI RISING EDGES AFTER HD FALLING EDGE. HD CLI XX XX XX X X H-COUNTER (PIXEL COUNTER) 3ns MIN XX X XXX X XX X X XX X XX X 3ns MIN SHD INTERNAL HD INTERNAL tCLIDLY X 32.5 CYCLES 012 X X XXX X XX X Figure 77. External VD/HD and Internal H-Counter Synchronization, Slave Mode 0 123 4 H-COUNTER RESET VD NOTES 1. TOGGLE POSITIONS CANNOT BE PROGRAMMED WITHIN 28 PIXELS OF PIXEL 0 LOCATION. HD H-COUNTER (PIXEL COUNTER) N N-1 N-2 NO TOGGLE POSITIONS ALLOWED IN THIS AREA N-3 N-4 N-5 N-6 N-7 N-8 N-9 N-10 N-11 N-12 N-13 N-14 N-15 N-16 N-17 N-18 N-19 N-20 N-21 N-22 N-23 N-24 N-25 N-26 N-27 N-28 Figure 78. Toggle Position Inhibited Area—Master Mode H-COUNTER RESET VD NOTES 1. TOGGLE POSITIONS CANNOT BE PROGRAMMED WITHIN 28 PIXELS OF PIXEL 0 LOCATION. HD H-COUNTER (PIXEL COUNTER) NO TOGGLE POSITIONS ALLOWED IN THIS AREA 01 2 N-1 N N-2 N-3 N-4 N-5 N-6 N-7 N-8 N-9 N-10 N-11 N-12 N-13 N-14 N-15 N-16 N-17 N-18 N-19 N-20 N-21 N-22 N-23 N-24 N-25 N-26 N-27 N-28 N-29 N-30 N-31 N-32 N-33 Figure 79. Toggle Position Inhibited Area—Slave Mode Vertical Toggle Position Placement Near Counter Reset One additional consideration during the reset of the internal counters is the vertical toggle position placement. Prior to the internal counters being reset, there is a region of 28 pixels during which no toggle positions can be programmed. As shown in Figure 78, in master mode, the last 28 pixels before the HD falling edge should not be used for toggle position place- ment of the XV, VSG, SUBCK, HBLK, PBLK, or CLPOB pulses. Figure 79 shows the same example for slave mode. The same restriction applies—the last 28 pixels before the counters are reset cannot be used. However, the counter reset is delayed with respect to VD/HD placement; therefore, the inhibited area is different than it is in master mode. It is also recommended that Pixel Location 0 is not used for toggle positions for the VSG and SUBCK pulses. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |