| Electronic Components Datasheet Search |
|
AD9923ABBCZ Datasheet(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9923ABBCZ Datasheet(HTML) 26 Page - Analog Devices |
|
26 / 88 page ![]() AD9923A Rev. 0 | Page 26 of 88 Vertical Pattern (VPAT) Groups A vertical pattern (VPAT) group defines the individual pulse pattern for each XV1 to XV13 output signal. Table 14 summarizes the registers that are available for generating each VPAT group. The first, second, third, fourth, fifth, and sixth toggle positions (XVTOG1, XVTOG2, XVTOG3, XVTOG4, XVTOG5, XVTOG6) are the pixel locations where the pulse transitions. All toggle positions are 13-bit values that can be placed anywhere in the horizontal line. More registers are included in the vertical sequence registers to specify the output pulses: XV1POL to XV13POL specifies the start polarity for each signal, VSTART specifies the start position of the VPAT group, and VLEN designates the total length of the VPAT group, which determines the number of pixels between each pattern repetition, if repetitions are used. To achieve the best possible noise performance, ensure that VSTART + VLEN < the end of the H-blank region. Toggle positions programmed to either Pixel 0 or Pixel 8191 are ignored. The toggle positions of unused XV-channels must be programmed to either Pixel 0 or Pixel 8191. This prevents unpre- dictable behavior because the default values of the V-pattern group registers are unknown. Table 14. Vertical Pattern Group Registers Register Length (Bits) Range Description XVTOG1 13 0 to 8191 pixel location First toggle position within line for each XV1 to XV12 output XVTOG2 13 0 to 8191 pixel location Second toggle position XVTOG3 13 0 to 8191 pixel location Third toggle position XVTOG4 13 0 to 8191 pixel location Fourth toggle position XVTOG5 13 0 to 8191 pixel location Fifth toggle position XVTOG6 13 0 to 8191 pixel location Sixth toggle position HD XV1 PROGRAMMABLE SETTINGS: 1START POLARITY (LOCATED IN V-SEQUENCE REGISTERS). 2FIRST TOGGLE POSITION. 3SECOND TOGGLE POSITION (A TOTAL OF SIX TOGGLE POSITIONS ALSO AVAILABLE FOR MORE COMPLEX PATTERNS). 4TOTAL PATTERN LENGTH FOR ALL VERTICAL OUTPUTS (LOCATED IN VERTICAL SEQUENCE REGISTERS). START POSITION OF VERTICAL PATTERN GROUP IS PROGRAMMABLE IN VERTICAL SEQUENCE REGISTERS. 4 1 2 3 XV2 1 23 XV12 1 2 3 Figure 36. Vertical Pattern Group Programmability |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |