Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5378 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 43Page - Cirrus Logic CDB5378 Datasheet HTML 44Page - Cirrus Logic CDB5378 Datasheet HTML 45Page - Cirrus Logic CDB5378 Datasheet HTML 46Page - Cirrus Logic CDB5378 Datasheet HTML 47Page - Cirrus Logic CDB5378 Datasheet HTML 48Page - Cirrus Logic CDB5378 Datasheet HTML 49Page - Cirrus Logic CDB5378 Datasheet HTML 50Page - Cirrus Logic CDB5378 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
CDB5378
DS639DB3
47
3.4.2
Statistics
The Statistics control displays calculated statistics for the analysis. Errors that affect statistical calcula-
tions will cause the Plot Error control to appear. Information about errors can be accessed by accessing
the Plot Error controls.
3.4.3
Plot Enable
The Plot Enable control is disabled for CDB5378. One channel operation only.
3.4.4
Cursor
The Cursor control is used to identify a point on the graph using the mouse and then display its plot values.
When any point within the plot area of the graph is clicked, the Cursor will snap to the closest plotted point
and the plot values for that point display below the graph. When using the Zoom function, the Cursor is
used to select the corners of the area to zoom.
Control
Description
Time Domain
Max
Maximum code of collected data set.
Min
Minimum code of collected data set.
Histogram
Max
Maximum code of collected data set.
Min
Minimum code of collected data set.
Mean
Mean of collected data set.
Std Dev
Standard Deviation of collected data set.
Variance
Variance of collected data set.
Signal FFT
S/N
Signal to Noise of calculated FFT.
S/PN
Signal to Peak Noise of calculated FFT.
S/D
Signal to Distortion of calculated FFT.
S/N+D
Signal to Noise plus Distortion of calculated FFT.
# of bins
Number of Bins covering the Nyquist frequency.
Noise FFT
S/N
Signal to Noise of calculated FFT.
S/PN
Signal to Peak Noise of calculated FFT.
Spot Noise dB
Spot Noise in dB/Hz of calculated FFT.
Spot Noise nV
Spot Noise in nV/rtHz of calculated FFT.
# of bins
Number of Bins covering the Nyquist frequency.
Phase
No statistics are calculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com