Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5378 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 21Page - Cirrus Logic CDB5378 Datasheet HTML 22Page - Cirrus Logic CDB5378 Datasheet HTML 23Page - Cirrus Logic CDB5378 Datasheet HTML 24Page - Cirrus Logic CDB5378 Datasheet HTML 25Page - Cirrus Logic CDB5378 Datasheet HTML 26Page - Cirrus Logic CDB5378 Datasheet HTML 27Page - Cirrus Logic CDB5378 Datasheet HTML 28Page - Cirrus Logic CDB5378 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
CDB5378
DS639DB3
25
2.3.3
Digital Control Signals
The reset, synchronization and timebreak signals to the CS5378 digital filter can be generated by push
buttons, received from external inputs or generated by the on-board microcontroller. By default, the mi-
crocontroller reset (CPLD0_MC), push button SYNC_PB and push button TIMEB_PB signals are con-
nected through the interface CPLD to the CS5378 digital filter RESETz, SYNC and TIMEB inputs.
A four-position DIP switch on CDB5378 (S5) sets static digital control signals not normally changed during
operation. The LPWR signal (S5, #2) reduces the power consumption of the analog components at the
expense of analog performance. The PWDN signal (S5, #3) disables the analog components by placing
them in a micropower sleep state.
2.3.4
Microcontroller
Included on CDB5378 is an 8051-type microcontroller with integrated hardware SPI and USB interfaces.
This C8051F320 microcontroller is a product of Silicon Laboratories (http://www.silabs.com). Key features
of the C8051F320 microcontroller are:
8051 compatibility - uses industry-standard 8051 software development tools
In-circuit debugger - software development on the target hardware
Internal memory - 16k flash ROM and 2k static RAM included on-chip
Multiple serial connections - SPI, USB, I2C, and UART
High performance - 25 MIPS maximum
Low power - 0.6 mA @ 1 MHz w/o USB, 9 mA @ 12 MHz with USB
Small size - 32 pin LQFP package, 9mm x 9mm
Industrial temperature - full performance (including USB) from -40 C to +85 C
Internal temperature sensor - with range violation interrupt capability
Internal timers - four general purpose plus one extended capability
Power on reset - can supply a reset signal to external devices
Analog ADC - 10 bit, 200 ksps SAR with internal voltage reference
Analog comparators - arbitrary high/low voltage compare with interrupt capability
The exact use of these features is controlled by embedded firmware.
C8051F320 has dedicated pins for power and the USB connection, plus 25 general-purpose I/O pins that
connect to the various internal resources through a programmable crossbar. Hardware connections on
CDB5378 limit how the blocks can operate, so the port mapping of microcontroller resources is detailed
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com