Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5378 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 24Page - Cirrus Logic CDB5378 Datasheet HTML 25Page - Cirrus Logic CDB5378 Datasheet HTML 26Page - Cirrus Logic CDB5378 Datasheet HTML 27Page - Cirrus Logic CDB5378 Datasheet HTML 28Page - Cirrus Logic CDB5378 Datasheet HTML 29Page - Cirrus Logic CDB5378 Datasheet HTML 30Page - Cirrus Logic CDB5378 Datasheet HTML 31Page - Cirrus Logic CDB5378 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
CDB5378
28
DS639DB3
Telemetry signals enter CDB5378 through RS-485 transceivers, which are differential current mode trans-
ceivers that can reliably drive long distance communication. Data passes through the RS-485 transceiv-
ers to the microcontroller I2C interface and the clock and synchronization inputs.
2.3.5.1
CLK, SYNC
Clock and synchronization telemetry signals into CDB5378 are received through RS-485 twisted pairs.
These signals are required to be distributed through the external system with minimal jitter and timing
skew, and so are normally driven through high-speed bus connections.
Synchronization of the measurement channel is critical to ensure simultaneous analog sampling across
a network. Several options are available for connecting a SYNC signal through the RS-485 telemetry to
the digital filter.
A direct connection is made when the SYNC_IO signal is received over the dedicated RS-485 twisted pair
and sent directly to the digital filter SYNC pin through jumper J56. The incoming SYNC_IO signal must be
synchronized to the network at the transmitter since no local timing adjustment is available.
A microcontroller hardware connection is made when the SYNC_IO signal is received over the dedicated
RS-485 twisted pair and detected by a microcontroller interrupt. The microcontroller can then use an in-
ternal counter to re-time the SYNC_MC signal output to the digital filter SYNC input as required.
A microcontroller software connection is made when the SYNC_MC signal output is created by the micro-
controller on command from the system telemetry. The microcontroller can use an internal counter to re-
time the SYNC_MC signal output to the digital filter SYNC input as required.
Specification
Value
RS-485 Transceiver - Linear Tech
LTC1480IS8
Surface Mount Package Type
SOIC-8, 5mm x 6mm
Supply Voltage, Quiescent Current
3.3V, 600
µA
Maximum Data Rate
2.5 Mbps
Transmitter Delay, Receiver Delay
25 - 80 ns, 30 - 200 ns
Transmitter Current, Full Termination (60
Ω)
25 mA
Transmitter Current, Half Termination (120
Ω)
13 mA
Specification
Value
Synchronous Inputs, 2 wires each
CLK±, SYNC±
Specification
Value
Distributed SYNC Signal Synchronization
± 240 ns
Distributed Clock Synchronization
± 240 ns
Analog Sampling Synchronization Accuracy
± 480 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com