Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5378 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 16Page - Cirrus Logic CDB5378 Datasheet HTML 17Page - Cirrus Logic CDB5378 Datasheet HTML 18Page - Cirrus Logic CDB5378 Datasheet HTML 19Page - Cirrus Logic CDB5378 Datasheet HTML 20Page - Cirrus Logic CDB5378 Datasheet HTML 21Page - Cirrus Logic CDB5378 Datasheet HTML 22Page - Cirrus Logic CDB5378 Datasheet HTML 23Page - Cirrus Logic CDB5378 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
CDB5378
20
DS639DB3
2.2.5
Voltage Reference
A voltage reference on CDB5378 creates a precision voltage from the regulated analog supplies for the
CS5373A VREF input. Because the voltage reference output is generated relative to the negative analog
power supply, VREF+ is near GND potential for bipolar power supplies.
2.2.5.1
VREF_MOD
The voltage reference output is provided to the CS5373A modulator and test DAC through a low-pass RC
filter. By filtering the voltage reference input to the device, high-frequency noise is eliminated and any sig-
nal-dependent sampling of VREF is isolated. The voltage reference signal is routed as a differential pair
from the large RC filter capacitor to control the sensitive VREF source-return currents and keep them out
of the ground plane. In addition to the RC filter function, the 100 uF filter capacitor provides a large charge-
well to help settle voltage reference sampling transients.
2.2.5.2
Common Mode Bias
A buffered version of the voltage reference is created as a low-impedance common mode bias source for
the analog signal inputs. The bias resistors connected between the buffered voltage reference and each
analog signal input half depends on the sensor type and should be modified to match the sensor manu-
facturer recommendations.
2.3
Digital Hardware
2.3.1
Digital Filter
The CS5378 digital filter performs filtering and decimation of the
∆Σ bit stream from the CS5373A modu-
lator. It also creates a
∆Σ test bit stream output to create analog test signals in the CS5373A DAC.
The CS5378 requires several control signal inputs from the external system.
Specification
Value
Precision Reference - Linear Tech
LT1019AIS8-2.5
Surface Mount Package Type
SO-8
Output Voltage Tolerance
+/- 0.05%
Temperature Drift
10 ppm / degC
Quiescent Current
0.65 mA
Output Voltage Noise, 10 Hz - 1 kHz
4 ppmRMS
Ripple Rejection, 10 Hz - 200 Hz
> 100 dB
Control Signals
Description
CLK
Master clock input.
RESETz
Reset input, active low
SYNC
Master synchronization input, rising edge triggered
TIMEB
Time Break input, rising edge triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com