Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5378 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 10Page - Cirrus Logic CDB5378 Datasheet HTML 11Page - Cirrus Logic CDB5378 Datasheet HTML 12Page - Cirrus Logic CDB5378 Datasheet HTML 13Page - Cirrus Logic CDB5378 Datasheet HTML 14Page - Cirrus Logic CDB5378 Datasheet HTML 15Page - Cirrus Logic CDB5378 Datasheet HTML 16Page - Cirrus Logic CDB5378 Datasheet HTML 17Page - Cirrus Logic CDB5378 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
CDB5378
14
DS639DB3
2.2
Analog Hardware
2.2.1
Analog Inputs
2.2.1.1
External Inputs - INA, INB, BNC
External signals into CDB5378 are from two major classes of sensors, moving coil geophones and piezo-
electric hydrophones. Geophones are low-impedance sensors optimized to measure vibrations in land
applications. Hydrophones are high-impedance sensors optimized to measure pressure in marine appli-
cations. Other sensors for earthquake monitoring and military applications are considered as geophones
for this datasheet.
External signals connect to CDB5378 through screw terminals on the left side of the PCB. These screw
terminals make connections to two external differential inputs, INA and INB. In addition, GND and GUARD
connections are provided for connecting sensor cable shields, if present.
BNC inputs for connecting external signals are not populated during board manufacture, but the empty
PCB footprints exist and can be installed. The inner conductors of the BNC inputs make connections to
the + and - differential signal traces, with the outer shields connected to ground. The BNC inputs can be
connected to the INA or INB inputs through the input selection jumpers.
2.2.1.2
GUARD Output, GND Connection
By default, CDB5378 uses the CS3301 differential geophone amplifier. By replacing the amplifier and
changing the pin 13 signal assignment (J42) it is possible to use the CS3302 hydrophone amplifier in-
stead. The CS3301 amplifier expects an MCLK clock input to pin 13 while the CS3302 amplifier produces
an analog GUARD signal output to pin 13.
The CS3302 hydrophone amplifier analog GUARD signal output is designed to actively drive the cable
shield of a high impedance sensor with the common mode voltage of the sensor differential signal. This
GUARD output on the cable shield minimizes leakage by minimizing the voltage differential between the
sensor signal and the cable shield.
When using the CS3301 amplifier, which does not have a GUARD output, a separate GND screw terminal
is provided for the sensor cable shield. When jumper J42 is set for the CS3301 amplifier the GUARD out-
put screw terminal is left floating.
2.2.1.3
Internal Inputs - DAC_OUT, DAC_BUF
The CS5373A test DAC has two high-performance differential test outputs, a precision output
(DAC_OUT) and a buffered output (DAC_BUF). These test outputs can be connected to the INA or INB
inputs through the input selection jumpers.
Signal Input
Screw Terminal
INA
J32
INB
J41
Table 7. Screw Terminal Input Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com