Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5378 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 3Page - Cirrus Logic CDB5378 Datasheet HTML 4Page - Cirrus Logic CDB5378 Datasheet HTML 5Page - Cirrus Logic CDB5378 Datasheet HTML 6Page - Cirrus Logic CDB5378 Datasheet HTML 7Page - Cirrus Logic CDB5378 Datasheet HTML 8Page - Cirrus Logic CDB5378 Datasheet HTML 9Page - Cirrus Logic CDB5378 Datasheet HTML 10Page - Cirrus Logic CDB5378 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
CDB5378
DS639DB3
7
J11
VA+ Voltage Selection
+2.5VA
1
----------
2
+5VA
3
**
4
EXT_VA+
5
**
6
J12
VD Input Voltage Source
EXT_VA+
1
**
2
EXT_VD
3
----------
4
J22
VD Voltage Selection
+3.3VD
1
----------
2
EXT_VD
3
**
4
J13
VCORE Input Voltage Source
EXT_VA+
1
**
2
EXT_VD
3
----------
4
J21
VCORE Voltage Selection
+3.3VD
1
----------
2
+2.5VD
3
**
4
EXT_VD
5
**
6
J10
VA- Voltage Selection
-2.5VA
1
----------
2
GND
3
**
4
EXT_VA-
5
**
6
Table 3. VREF, Power Supplies Default Jumper Settings
J19
Voltage Reference Jumpers
VREF-
4
----------
3
VREF+
2
----------
1
J16, J17, J18
Digital Filter, CPLD,
Microcontroller
Input Clock Selections
32.768 MHz
1
----------
2
16.384 MHz
3
**
4
8.192 MHz
5
**
6
4.096 MHz
7
**
8
2.048 MHz
9
**
10
1.024 MHz
11
*
*12
CLK_EXT
13
**
14
15
**
16
Table 4. Clock Default Jumper Settings
J5
Clock Input TERM
50 Ohms
2
**
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com