Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTGA090304MD-V2-R5 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTGA090304MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTGA090304MD-V2-R5 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTGA090304MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PTGA090304MD
2
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Conditions
Drain-Source Breakdown Voltage
V
(BR)DSS
105
—
—
V
V
GS = 0 V, IDS = 136 µA
Drain Leakage Current – Stage 1
I
DSS
—
—
0.1
µA
V
DS = 50 V, VGS = 0 V
—
—
1.0
V
DS = 105 V, VGS = 0 V
Drain Leakage Current –Stage 2
—
—
0.1
V
DS = 50 V, VGS = 0 V
—
—
1.0
V
DS = 105 V, VGS = 0 V
Gate Leakage Current – Stage 1
I
GSS
—
—
0.1
V
GS = 1 V, VDS = 0 V
Gate Leakage Current – Stage 2
—
—
On-State Resistance – Stage 1
R
DS(on)
—
22.5
—
W
V
GS = 10 V, VDS = 0.1 V, ID = 24 mA
On-State Resistance – Stage 2
—
2.6
—
V
GS = 10 V, VDS = 0.1 V, ID = 136 mA
Operating Gate Voltage – Stage 1
V
GS1
—
3.9
—
V
V
DS = 50 V, IDQ1M = 34 mA
Operating Gate Voltage – Stage 2
V
GS2
—
3.8
—
V
DS = 50 V, IDQ2M = 144 mA
Fixture Operating Gate Voltage – Stage 1
V
GS1
—
5.8
—
V
DS = 50 V, IDQ1M = 34 mA
Fixture Operating Gate Voltage – Stage 2
V
GS2
—
5.7
—
V
DS = 50 V, IDQ2M = 144 mA
Typical Performance, 920 – 960 MHz (tested in Wolfspeed narrowband test fixture)
V
DD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA, 3GPP WCDMA signal, channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01% CCDF
Freq
[MHz]
Gain
[dB]
RL
[dB]
Eff
[%]
P
OUT
[dBm]
ACPL
[dBc]
ACPU
[dBc]
ACP max
[dBc]
920
32.9
–37.1
19.8
35.9
–44.7
–44.6
–44.64
940
32.8
–43.6
19.4
35.9
–44.4
–44.1
–44.05
960
32.6
–38.9
19.2
35.9
–43.8
–43.9
–43.75
Typical Broadband Performance, 575 – 960 MHz (tested in Wolfspeed broadband test fixture)
V
DD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA, 3GPP WCDMA signal, channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01% CCDF
Freq
[MHz]
Gain
[dB]
RL
[dB]
Eff
[%]
P
OUT
[dBm]
PAR
[dB]
ACPL
[dBc]
ACPU
[dBc]
ACP max
[dBc]
575
29.1
–22.3
17.7
35.9
9.2
–37.5
–37.3
–37.30
590
30.1
–22.7
17.8
35.9
9.2
–39.4
–39.5
–39.41
660
32.0
–24.8
18.1
35.9
9.3
–44.5
–45.1
–44.54
746
30.8
–28.0
17.1
35.9
9.5
–45.6
–45.8
–45.57
860
30.2
–23.4
15.8
35.9
9.5
–45.0
–45.5
–45.05
960
30.4
–26.9
15.0
35.9
9.4
–44.0
–44.0
–43.98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com