Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTGA090304MD-V2-R5 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTGA090304MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTGA090304MD-V2-R5 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button PTGA090304MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 10Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 11Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PTGA090304MD
7
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Broadband Performance, 575 – 960 MHz (data taken in test fixture)
Figure 8. Single-carrier WCDMA Drive-up
Figure 10. Single-carrier WCDMA 3GPP Drive-up
Figure 11. Single-carrier WCDMA Broadband Performance
0
15
30
45
60
0
10
20
30
40
30 32 34 36 38 40 42 44 46 48
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 50 V, IDQ1M = 34mA, IDQ2M = 144 mA,
ƒ = 960 MHz, 3GPP WCDMA signal,
PAR = 10 dB, 3.84 MHz BW
PAR @ 0.01% CCDF
Gain
Efficiency
ptga090304md_g1
5
15
25
35
45
55
-65
-55
-45
-35
-25
-15
28
30
32
34
36
38
40
42
Average Output Power (dBm)
Single-carrier WCDMA 3GPP Drive-up
VDD = 50 V, IDQ1M = 34mA, IDQ2M = 144 mA,
ƒ = 575-960 MHz, 3GPP WCDMA signal,
PAR = 10 dB, BW = 3.84 MHz
575 MHz ACPL
746 MHz ACPL
960 MHz ACPL
575 MHz ACPU
746 MHz ACPU
960 MHz ACPU
575 MHz Eff
746 MHz Eff
960 MHz Eff
ptga090304md_BB_g2
5
15
25
35
45
55
-60
-50
-40
-30
-20
-10
30 32 34 36 38 40 42 44 46 48
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 50 V, IDQ1 = 34 mA, IDQ2 = 144 mA,
ƒ = 960 MHz, 3GPP WCDMA signal,
PAR = 10 dB, 3.84 MHz BW
ACPU
ACPL
Eff
ptga090304md_g3
10
12
14
16
18
20
22
10
15
20
25
30
35
40
575
675
775
875
975
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA,
POUT = 35.9 dBm, 3GPP WCDMA signal,
PAR = 10 dB
Efficiency
Gain
ptga090304md_BB_g5
0
15
30
45
60
0
10
20
30
40
30 32 34 36 38 40 42 44 46 48
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 50 V, IDQ1M = 34mA, IDQ2M = 144 mA,
ƒ = 960 MHz, 3GPP WCDMA signal,
PAR = 10 dB, 3.84 MHz BW
PAR @ 0.01% CCDF
Gain
Efficiency
ptga090304md_g1
5
15
25
35
45
55
-65
-55
-45
-35
-25
-15
28
30
32
34
36
38
40
42
Average Output Power (dBm)
Single-carrier WCDMA 3GPP Drive-up
VDD = 50 V, IDQ1M = 34mA, IDQ2M = 144 mA,
ƒ = 575-960 MHz, 3GPP WCDMA signal,
PAR = 10 dB, BW = 3.84 MHz
575 MHz ACPL
746 MHz ACPL
960 MHz ACPL
575 MHz ACPU
746 MHz ACPU
960 MHz ACPU
575 MHz Eff
746 MHz Eff
960 MHz Eff
ptga090304md_BB_g2
5
15
25
35
45
55
-60
-50
-40
-30
-20
-10
30 32 34 36 38 40 42 44 46 48
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 50 V, IDQ1 = 34 mA, IDQ2 = 144 mA,
ƒ = 960 MHz, 3GPP WCDMA signal,
PAR = 10 dB, 3.84 MHz BW
ACPU
ACPL
Eff
ptga090304md_BB_g3
10
12
14
16
18
20
22
10
15
20
25
30
35
40
575
675
775
875
975
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA,
POUT = 35.9 dBm, 3GPP WCDMA signal,
PAR = 10 dB
Efficiency
Gain
ptga090304md_BB_g5
Figure 9. Single-carrier WCDMA Drive-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com